Electronic Components Datasheet Search
  English  ▼

X  

MAX9920 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX9920
Description  -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9920 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX9920 Datasheet HTML 2Page - Maxim Integrated Products MAX9920 Datasheet HTML 3Page - Maxim Integrated Products MAX9920 Datasheet HTML 4Page - Maxim Integrated Products MAX9920 Datasheet HTML 5Page - Maxim Integrated Products MAX9920 Datasheet HTML 6Page - Maxim Integrated Products MAX9920 Datasheet HTML 7Page - Maxim Integrated Products MAX9920 Datasheet HTML 8Page - Maxim Integrated Products MAX9920 Datasheet HTML 9Page - Maxim Integrated Products MAX9920 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
-20V to +75V Input Range, Precision
Uni-/Bidirectional, Current-Sense Amplifiers
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 5V, VRS+ = VRS- = +14V, VSENSE = (VRS+ - VRS-) = 0V, VSHDN = VGND = 0V, VREFIN = VCC/2, RL = 100kΩ; for MAX9918, AV =
90V/V, R2/R1 = 89k
Ω/1kΩ; for MAX9920, AV = 20V/V, R2/R1 = 79kΩ/1kΩ; TA = -40°C to +125°C, unless otherwise noted. Typical val-
ues are at TA = +25°C.) (Note 1
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCM = -2V to +14V step
2.5
MAX9918,
VSENSE = 50mV
VCM = +14V to -2V step
0.5
VCM = -2V to +14V step
2.5
MAX9919F,
VSENSE = 50mV
VCM = +14V to -2V step
0.5
VCM = -2V to +14V step
3.5
MAX9919N,
VSENSE = 50mV
VCM = +14V to -2V step
3.5
VCM = -2V to +14V step
0.25
1% Settling Time from VCM Step
MAX9920,
VSENSE = 200mV
VCM = +14V to -2V step
2.5
µs
MAX9918, VSENSE = 50mV, 1% settling
4.5
MAX9919F, VSENSE = 50mV, 1% settling
5
MAX9919N, VSENSE = 50mV, 1% settling
6
Power-Up Time
MAX9920, VSENSE = 200mV, 1% settling
5
µs
Maximum Capacitive Load Stability
No sustained oscillations (Note 5)
50
pF
MAX9918, MAX9919_
60
Input Referred Noise Voltage
Density
en
10kHz
MAX9920
174
nV/
√Hz
Note 1: All devices are 100% production tested at TA = +25°C. All temperature limits are guaranteed by design.
Note 2: VOS is extrapolated from two point gain error tests. Measurements are made at VSENSE = 5mV and 50mV for
MAX9918/MAX9919N/MAX9919F, and VSENSE = 20mV and 200mV for MAX9920.
Note 3: Extrapolated VOS as described above in Note 2 is used to calculate VOS drift, CMRR, and PSRR.
Note 4: OUT should be 100mV away from either rail to achieve rated accuracy, or limited by a VSENSE of 50mV for the
MAX9918/MAX9919N/MAX9919F and 200mV for the MAX9920.
Note 5: Not production tested. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com