Electronic Components Datasheet Search
  English  ▼

X  

MAX9920 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX9920
Description  -20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9920 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX9920 Datasheet HTML 1Page - Maxim Integrated Products MAX9920 Datasheet HTML 2Page - Maxim Integrated Products MAX9920 Datasheet HTML 3Page - Maxim Integrated Products MAX9920 Datasheet HTML 4Page - Maxim Integrated Products MAX9920 Datasheet HTML 5Page - Maxim Integrated Products MAX9920 Datasheet HTML 6Page - Maxim Integrated Products MAX9920 Datasheet HTML 7Page - Maxim Integrated Products MAX9920 Datasheet HTML 8Page - Maxim Integrated Products MAX9920 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
-20V to +75V Input Range, Precision
Uni-/Bidirectional, Current-Sense Amplifiers
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VCC = 5V, VRS+ = VRS- = +14V, VSENSE = (VRS+ - VRS-) = 0V, VSHDN = VGND = 0V, VREFIN = VCC/2, RL = 100kΩ; for MAX9918, AV =
90V/V, R2/R1 = 89k
Ω/1kΩ; for MAX9920, AV = 20V/V, R2/R1 = 79kΩ/1kΩ; TA = -40°C to +125°C, unless otherwise noted. Typical val-
ues are at TA = +25°C.) (Note 1
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = +25°C,
VREFIN = 0V
±0.08
±0.6
VRS+ = VRS- =
+14V
TA = -40°C to
+125°C,
VREFIN = 0V
±1.2
TA = +25°C
±0.02
±0.6
MAX9918
VRS+ = VRS- =
-2V, VREFIN =
0V
TA = -40°C to
+125°C
±1.0
TA = +25°C
±0.13
±0.45
VRS+ = VRS- =
+14V, VREFIN =
0V
TA = -40°C to
+125°C
±1.2
TA = +25°C
±0.10
±0.45
MAX9919F
VRS+ = VRS- =
-2V, VREFIN =
0V
TA = -40°C to
+125°C
±0.9
TA = +25°C
±0.16
±0.6
VRS+ = VRS- =
+14V, VREFIN =
0V
TA = -40°C to
+125°C
±1.2
TA = +25°C
±0.11
±0.6
MAX9919N
VRS+ = VRS- =
-2V, VREFIN =
0V
TA = -40°C to
+125°C
±1.0
TA = +25°C
±0.29
±1.0
VRS+ = VRS- =
+14V, VREFIN =
0V
TA = -40°C to
+125°C
±1.7
TA = +25°C
±0.24
±1.0
Gain Error
(Note 2)
GE
MAX9920
VRS+ = VRS- =
-2V, VREFIN =
0V
TA = -40°C to
+125°C
±1.7
%
FB Input Bias Current
IFB
MAX9918, MAX9920
5
15
nA
RL = 100k
Ω to GND
3
10
Output-Voltage High (Note 4)
VCC - VOH
VSENSE = 200mV for
MAX9918, MAX9919_,
VSENSE = 400mV for
MAX9920
RL = 10k
Ω to GND
12
40
mV
RL = 100k
Ω to VCC
310
Output-Voltage Low (Note 4)
VOL
VSENSE = -200mV for
MAX9918, MAX9919_,
VSENSE = -400mV for
MAX9920
RL = 10k
Ω to VCC
10
40
mV
OUT shorted to VCC
44
Short-Circuit Current
ISC
OUT shorted to GND
41
mA
Output Resistance
ROUT
0.1
Ω
MAX9918, MAX9919_
0
VCC
/2
VCC -
1.9
REFIN Voltage Range
Inferred from REFIN
CMRR test
MAX9920
0
VCC
/2
VCC -
2.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com