Electronic Components Datasheet Search
  English  ▼

X  

272001B Datasheet(PDF) 3 Page - Integrated Technology Future

Part # 272001B
Description  SAW Bandpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

272001B Datasheet(HTML) 3 Page - Integrated Technology Future

  272001B Datasheet HTML 1Page - Integrated Technology Future 272001B Datasheet HTML 2Page - Integrated Technology Future 272001B Datasheet HTML 3Page - Integrated Technology Future 272001B Datasheet HTML 4Page - Integrated Technology Future 272001B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SAW Bandpass Filter 272001B
Part No.
272001B
4. Matching Schematic
( Actual matching values may vary due to PCB layout and parasitics )
Output
50Ω
Input
50Ω
L1
L2
C1
L1 = 180 nH,
L2 = 150 nH
C1 = 39 pF
5. Marking Configuration
ITF
1) 04A0012)
272001B
3)
1) Manufacturer name
2) Lot Number
3) Part Number
Rev. Date
2004-08-09
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NM4021-CS01
3/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com