Electronic Components Datasheet Search
  English  ▼

X  

272001B Datasheet(PDF) 4 Page - Integrated Technology Future

Part # 272001B
Description  SAW Bandpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

272001B Datasheet(HTML) 4 Page - Integrated Technology Future

  272001B Datasheet HTML 1Page - Integrated Technology Future 272001B Datasheet HTML 2Page - Integrated Technology Future 272001B Datasheet HTML 3Page - Integrated Technology Future 272001B Datasheet HTML 4Page - Integrated Technology Future 272001B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SAW Bandpass Filter 272001B
Part No.
272001B
CH1
S21
LOG
10 dB/
REF -23.52 dB
CENTER
70. 000 000 MHz
SPAN
55. 000 000 MHz
Cor
7 Aug 2004 12:47:56
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
21. 957057
MHz
cent :
70. 014852
MHz
Q: 3. 1887
1_loss : -23 . 542 dB
6. Typical Performance ( at +25℃ )
CH1
S21
LOG
1 dB/
REF -23.04 dB
Cor
CH2
S21
DEL
100 ns/
REF 2.379 us
CENTER
70. 000 000 MHz
SPAN
25. 000 000 MHz
Cor
Smo
7 Aug 2004 12:50:10
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
20. 599220
MHz
cent :
70. 017045
MHz
Q: 3. 3990
1_loss : -23 . 486 dB
2
3
3: -7 . 5684 ns
19. 500 000 MHz
REF=2
CH2 Markers
mean : 2. 3980 us
s. dev : 7. 8572 ns
p-p : 41. 870 ns
Rev. Date
2004-08-09
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NM4021-CS01
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com