Electronic Components Datasheet Search
  English  ▼

X  

272001B Datasheet(PDF) 5 Page - Integrated Technology Future

Part # 272001B
Description  SAW Bandpass Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITF [Integrated Technology Future]
Direct Link  http://www.itf.co.kr
Logo ITF - Integrated Technology Future

272001B Datasheet(HTML) 5 Page - Integrated Technology Future

  272001B Datasheet HTML 1Page - Integrated Technology Future 272001B Datasheet HTML 2Page - Integrated Technology Future 272001B Datasheet HTML 3Page - Integrated Technology Future 272001B Datasheet HTML 4Page - Integrated Technology Future 272001B Datasheet HTML 5Page - Integrated Technology Future  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SAW Bandpass Filter 272001B
Part No.
272001B
CH1
CH1
S21
LOG
10 dB/
REF -22.69 dB
START
. 010 000 MHz
STOP 300 . 000 000 MHz
7 Aug 2004 12:52:00
1
2
3
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
2: -66 . 458 dB
70. 0000 MHz
3: -71 . 247 dB
140 . 000 MHz
Rev. Date
2004-08-09
I T F
Co., Ltd.
102-901, Bucheon Technopark 364,
Samjeong-Dong, Ojeong-Gu, Bucheon-City,
Gyounggi-Do, Korea 421-809
Rev.
NM4021-CS01
5/5
S21
LOG
1 dB/
REF -23.04 dB
Cor
CH2
S21
LOG
1 dB/
REF -23.63 dB
CENTER
70. 000 000 MHz
SPAN
25. 000 000 MHz
Cor
7 Aug 2004 12:49:46
1
2
3
4
1: 0. 0000 dB
0. 000 000 MHz
REF=1
CH1 Markers
BW:
20. 295666
MHz
cent :
70. 009357
MHz
Q: 3. 4495
1_loss : -23 . 486 dB
2
3
3: - . 26700 dB
19. 500 000 MHz
REF=2
CH2 Markers
mean : -23 . 422 dB
s. dev : . 13670
dB
p-p : . 63070
dB
CH1
S11
SWR
10 /
REF 5.141
CENTER
70. 000 000 MHz
SPAN
55. 000 000 MHz
Cor
CH2
SWR
10 /
REF 4.832
Cor
S22
7 Aug 2004 12:51:09
1
1: 5. 1448
70. 000 000 MHz
2
2: 4. 8262
70. 000 000 MHz
CH1
S11
1 U FS
Cor
CH2
S22
1 U FS
CENTER
70. 000 000 MHz
SPAN
55. 000 000 MHz
Cor
7 Aug 2004 12:51:20
1
1: 9. 9619
-8 . 0508
282 . 41 pF
70. 000 000 MHz
2
2: 12. 366
-21 . 489
105 . 80 pF
70. 000 000 MHz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com