Electronic Components Datasheet Search
  English  ▼

X  

HPS3000 Datasheet(PDF) 5 Page - Emerson Network Power

Part # HPS3000
Description  3000 W output power
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

HPS3000 Datasheet(HTML) 5 Page - Emerson Network Power

  HPS3000 Datasheet HTML 1Page - Emerson Network Power HPS3000 Datasheet HTML 2Page - Emerson Network Power HPS3000 Datasheet HTML 3Page - Emerson Network Power HPS3000 Datasheet HTML 4Page - Emerson Network Power HPS3000 Datasheet HTML 5Page - Emerson Network Power HPS3000 Datasheet HTML 6Page - Emerson Network Power HPS3000 Datasheet HTML 7Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Rev. 7.10.09_81
HPS3000 Series
5 of 7
Embedded Power for
Business-Critical Continuity
TimingSignalDefinitions
TurnON/OFFTiming
Item
Description
Min
Max
Units
Tvout_rise
48VOutputrisetime
5
300
msec
Tsb_on_delay
DelayfromACbeingappliedto5Vsbbeingwithinregulation.
1500
msec
Tac_on_delay
DelayfromACbeingappliedtoalloutputvoltagesbeingwithin
regulation.
2000
msec
Tvout_holdup
Timealloutputvoltages,including5Vsb,staywithinregulation
afterlossofAC.
10
msec
Tpwok_holdup
DelayfromlossofACtode-assertionofPWOK
5
msec
Tpson_on_delay DelayfromPSON#activetooutputvoltageswithinregulation
limits.
5
400
msec
Tpson_pwok
DelayfromPSON#de-activetoPWOKbeingde-asserted.
50
msec
Tacok_delay
DelayfromlossofACinputtode-assertionofACOK#.
10
msec
Tpwok_on
DelayfromoutputvoltageswithinregulationlimitstoPWOK
asserted at turn on.
100
1000
msec
Tpwok_off
DelayfromPWOKde-assertedto48Vdroppingoutofregulation
limits.
1
1000
msec
Tpwok_low
DurationofPWOKbeinginthede-assertedstateduringanoff/on
cycleusingACorthePSON#signal.
100
msec
Tsb_vout
Delayfrom5Vsbbeinginregulationto48Vbeingin
regulationatACturnon.
50
2000
msec
PSON#
ThePSON#signalisrequiredtoremotelyturnon/offthepowersupply.PSON#isanactivelowsignal
thatturnsonthe48Vpowerrail.Whenthissignalisnotpulledlowbythesystem,orleftopen,the
48Voutputturnsoff.The5Vsboutputremainson.Thissignalispulledtoastandbyvoltagebya
pull-upresistorinternaltothepowersupply.Thepowersupplyfan(s)shalloperateatthelowestspeed.
PSON#SignalCharacteristic
SignalType
Acceptsanopencollector/draininputfrom
thesystem.Pulled-uptothe5Vsblocatedin
power supply.
PSON#=Low
ON
PSON#=Open
OFF
MIN
MAX
Logiclevellow(powersupplyON)
0V
0.8V
Logiclevelhigh(powersupplyOFF)
2.0V
4.80V
Sourcecurrent,Vpson=low
--
4mA
Powerupdelay:Tpson_on_delay
5msec
400msec
SignalsandControls-AllModels



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com