Electronic Components Datasheet Search
  English  ▼

X  

HPS3000 Datasheet(PDF) 1 Page - Emerson Network Power

Part # HPS3000
Description  3000 W output power
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

HPS3000 Datasheet(HTML) 1 Page - Emerson Network Power

  HPS3000 Datasheet HTML 1Page - Emerson Network Power HPS3000 Datasheet HTML 2Page - Emerson Network Power HPS3000 Datasheet HTML 3Page - Emerson Network Power HPS3000 Datasheet HTML 4Page - Emerson Network Power HPS3000 Datasheet HTML 5Page - Emerson Network Power HPS3000 Datasheet HTML 6Page - Emerson Network Power HPS3000 Datasheet HTML 7Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev. 7.10.09_81
HPS3000 Series
1 of 7
Embedded Power for
Business-Critical Continuity
HPS3000 Series
3000 Watts
Special Features
•3000Woutputpower
•40W/cu-in
•Optionalcustomerprovidedair
•1Ux3Uformfactor
•N+1Redundant
•Hot-swap
•InternalOR-ing
•5Vhousekeeping
•Highefficiency89%@200Vac,
100%load
•Variablespeed“smartfans”
•Oneyearwarranty
Distributed Power Bulk Front-End
Single Output
ElectricalSpecifications
Safety
Input
Inputrange(operating):
180-264Vac
90-140Vac
Inputrange(nominal):
200Vac
110Vac
InputthroughCardEdgeConnection
on same end as DC output
Frequency:
43to63Hz
Inputfusing:
Internal25Afuses
Bothlinesfused
Inrushcurrent:
≤40Apeak
Eitherhotorcoldstart
Powerfactor:
0.97typical
MeetsEN61000-3-2
Harmonics:
MeetsIEC1000-3-2
requirements
@50%load
Inputcurrent:
19Amaxinputcurrent
Holduptime:
10msminimum
Atfullratedload
Leakagecurrent:
1.4mA
At240Vac
Powerlinetransient:
MOVdirectlyafterthefuse
UL/cUL
60950
CSA
60950
China
CCC
Nemko
TUV
CB Report
CSA 22.2
60950
•
•
•
•
•
•
Compliance
POEIsolation
EMIClassB-EN55022,Level“A”
EN61000Immunity
•
•
•


Similar Part No. - HPS3000

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
HPS3000-9 ARTESYN-HPS3000-9 Datasheet
1Mb / 9P
Distributed Power Bulk Front-End
HPS3000-9-001 ARTESYN-HPS3000-9-001 Datasheet
1Mb / 9P
Distributed Power Bulk Front-End
HPS3000-9 ARTESYN-HPS3000-9_16 Datasheet
1Mb / 9P
Distributed Power Bulk Front-End
More results

Similar Description - HPS3000

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM30T18AY STMICROELECTRONICS-SM30T18AY Datasheet
236Kb / 13P
Automotive 3000 W Transil™
27-Mar-2012
SMC30J10A STMICROELECTRONICS-SMC30J10A Datasheet
132Kb / 10P
3000 W Transil™
28-Jul-2011
SM30T28CAY STMICROELECTRONICS-SM30T28CAY Datasheet
277Kb / 12P
Automotive 3000 W Transil
23-Jun-2014
SMC30J10CA STMICROELECTRONICS-SMC30J10CA Datasheet
132Kb / 10P
3000 W Transil
28-Jul-2011
logo
TECHNOLOGY ASSISTANCE B...
NTDM-5-300 TAB-NTDM-5-300 Datasheet
674Kb / 2P
1500-3000 WATT SINGLE OUTPUT SWITCHING POWER SUPPLIES
logo
Emerson Network Power
PSE1000-PFC EMERSON-NETWORKPOWER-PSE1000-PFC Datasheet
493Kb / 4P
1000 W output power
logo
XP Power Limited
SHP350PS12 XPPOWER-SHP350PS12 Datasheet
3Mb / 26P
420 W High Line Output Power
logo
Artesyn Technologies
AIF ARTESYN-AIF Datasheet
549Kb / 3P
Up to 1600 W output power
logo
STMicroelectronics
SM30TXXAY STMICROELECTRONICS-SM30TXXAY Datasheet
1Mb / 16P
Automotive 3000 W TVS in SMC
21-Feb-2023
SMC30JXXA STMICROELECTRONICS-SMC30JXXA Datasheet
672Kb / 13P
3000 W TVS in SMC
31-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com