Electronic Components Datasheet Search
  English  ▼

X  

HPS3000 Datasheet(PDF) 7 Page - Emerson Network Power

Part # HPS3000
Description  3000 W output power
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

HPS3000 Datasheet(HTML) 7 Page - Emerson Network Power

  HPS3000 Datasheet HTML 1Page - Emerson Network Power HPS3000 Datasheet HTML 2Page - Emerson Network Power HPS3000 Datasheet HTML 3Page - Emerson Network Power HPS3000 Datasheet HTML 4Page - Emerson Network Power HPS3000 Datasheet HTML 5Page - Emerson Network Power HPS3000 Datasheet HTML 6Page - Emerson Network Power HPS3000 Datasheet HTML 7Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Rev. 7.10.09_81
HPS3000 Series
7 of 7
Embedded Power for
Business-Critical Continuity
LEDINDICATORS
TherewillbeagreenPOWERLED(PWR)toindicatethatACisappliedtothe
PSUandstandbyvoltageisavailablewhenblinking.ThissameLEDshouldgo
solidwhenthe48Voutputisenabledandoperational.
TherewillbeanAmberPowerSupplyFailLED(FAIL)toindicatethatthepower
supplyhasfailedandareplacementoftheunitisnecessary.Faultsincluding
UVP,OVP,OTP,orFanFailwhenPSON#isasserted“LogicLow”shallcausethe
amberLEDtoturnon.TheLEDcanbeturnedoffbyrecyclingPSON#signalor
byanACpowerinterruptionmorethan1second.TheLEDshallbeoffwhen
PSON#isnotasserted“LogicLow”.Refertotable13forconditionsofthe
LED’s:
MTBF
ThepowersupplyhasaminimumMTBFof300KhoursusingtheBellcore332,
issue6specification@25°Cand40°C,ambient,atfullload.Withthepower
supplyinstalledinasystemina25°Cambientenvironmentand
operatingatfullload,capacitorlifeshallbe10years,minimumforALL
electrolyticcapacitorscontainedwithinthispowersupply.Thepowersupply
shalldemonstrateaMTBFlevelof>500,000hours.
Quality Assurance
FullQAVtestingshallbeconductedinaccordancewithEmersonNetwork
PowerStandardswithreportsavailableuponrequest.
Warranty
EmersonNetworkPowershallwarrantthepowersupplytobefreeofdefects
inmaterialsandworkmanshipforaminimumperiodofoneyearfromthedate
ofshipment,whenoperatedwithinspecifications.Thewarrantyshallbefully
transferabletotheendowneroftheequipmentpoweredbythesupply.
Table13
LEDIndicators
Power Supply Condition
Power LED
(GREEN)
Fail LED
(AMBER)
NoACpowertoPSU
OFF
OFF
ACpresent/StandbyOutputOn
Blinking
OFF
Powersupply48VoutputONandOK
ON
OFF
Powersupplyfailure(includes
overvoltage,overtemperature)
OFF
ON
Current limit
ON
Blinking
Model Number
Main Output
Main Output
Current
Standby Output
Standby Current
HPS3000-9
48Vdc
62.0A
5.0V
3.0A
OrderingInformation
Americas
5810VanAllenWay
Carlsbad,CA92008
USA
Telephone:+17609304600
Facsimile: +17609300698
Europe(UK)
WaterfrontBusinessPark
MerryHill,Dudley
WestMidlands,DY51LX
UnitedKingdom
Telephone:+44(0)1384842211
Facsimile: +44(0)1384843355
Asia(HK)
14/F,LuPlaza
2WingYipStreet
KwunTong,Kowloon
HongKong
Telephone:+85221763333
Facsimile: +85221763888
Forglobalcontact,visit:
www.PowerConversion.com
techsupport.embeddedpower@
emerson.com
Whileeveryprecautionhasbeentakentoensure
accuracyandcompletenessinthisliterature,Emerson
NetworkPowerassumesnoresponsibility,anddisclaims
allliabilityfordamagesresultingfromuseofthis
information or for any errors or omissions.
EmersonNetworkPowerandtheEmerson
NetworkPowerlogoaretrademarksandser-
vicemarksofEmersonElectricCo.
©2009EmersonElectricCo.
EmersonNetworkPower.com
EmbeddedComputing
Embedded Power
Monitoring
OutsidePlant
PowerSwitching&Controls
PrecisionCooling
Racks&IntegratedCabinets
Services
SurgeProtection
EmersonNetworkPower.
Thegloballeaderinenabling
business-critical continuity.
ACPower
Connectivity
DC Power



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com