Electronic Components Datasheet Search
  English  ▼

X  

AP3030 Datasheet(PDF) 4 Page - BCD Semiconductor Manufacturing Limited

Part # AP3030
Description  WHITE LED STEP-UP CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3030 Datasheet(HTML) 4 Page - BCD Semiconductor Manufacturing Limited

  AP3030 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3030 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3030 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3030 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3030 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3030 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3030 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3030 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3030 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
WHITE LED STEP-UP CONVERTER
AP3030
4
Oct. 2009 Rev. 1. 6
BCD Semiconductor Manufacturing Limited
Data Sheet
Parameter
Symbol
Value
Unit
Input Voltage
VIN
20
V
SW Voltage
VSW
38
V
FB Voltage
VFB
20
V
CTRL Voltage
VCTRL
20
V
Thermal Resistance (Junction to Atmosphere, No Heat Sink)
RθJA
265
oC/W
Operating Junction Temperature
TJ
150
oC
Storage Temperature Range
TSTG
-65 to 150
oC
Lead Temperature (Soldering, 10sec)
TLEAD
260
oC
ESD (Machine Model)
250
V
ESD (Human Body Model)
2000
V
Note 1:
Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indi-
cated under "Recommended Operating Conditions" is not implied. Exposure to "Absolute Maximum Ratings" for extended
periods may affect device reliability.
Parameter
Symbol
Min
Max
Unit
Operating Temperature Range
TOP
-40
85
oC
Input Voltage
VIN
2.5
16
V
CTRL Voltage
VCTRL
16
V
Recommended Operating Conditions
Absolute Maximum Ratings (Note 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com