Electronic Components Datasheet Search
  English  ▼

X  

AP3030 Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # AP3030
Description  WHITE LED STEP-UP CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3030 Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button AP3030 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3030 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3030 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3030 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3030 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3030 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AP3030 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AP3030 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AP3030 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
WHITE LED STEP-UP CONVERTER
AP3030
8
Oct. 2009 Rev. 1. 6
BCD Semiconductor Manufacturing Limited
Data Sheet
Figure 13. Schottky Forward Drop
Typical Performance Characteristics (Continued)
Figure 12. Feedback Voltage
vs. Junction Temperature
vs. Junction Temperature
Figure 14. Schottky Leakage Current
vs. Junction Temperature
-50
-25
0
25
50
75
100
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
Junction Temperature (
oC)
V
R=10V
V
R=16V
V
R=23V
-50
-25
0
25
50
75
100
190
192
194
196
198
200
202
204
206
208
210
Junction Temperature (
oC)
-50
-25
0
25
50
75
100
0.60
0.62
0.64
0.66
0.68
0.70
0.72
0.74
0.76
0.78
0.80
Junction Temperature (
oC)
(VF(forward voltage) of WLED is 3.45V @ IF=20mA, unless otherwise noted )
Figure 15. Switch Current Limit vs. Duty Cycle
30
40
50
60
70
80
90
100
200
300
400
500
600
700
-50
OC
25
OC
100
OC
Duty Cycle (%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com