Electronic Components Datasheet Search
  English  ▼

X  

AP3030 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AP3030
Description  WHITE LED STEP-UP CONVERTER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3030 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AP3030 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3030 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3030 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3030 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3030 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3030 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3030 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3030 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3030 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
WHITE LED STEP-UP CONVERTER
AP3030
1
Oct. 2009 Rev. 1. 6
BCD Semiconductor Manufacturing Limited
Data Sheet
General Description
The AP3030 is an inductor-based DC/DC converter
designed to drive up to eight white LEDs in series or 2
rows of LEDs with 5 for each in parallel for backlight.
Only one feedback resistor is needed to control the
LED current and obtain required brightness.
A constant frequency 1.2MHz PWM control scheme is
employed in this IC, which means tiny external com-
ponents can be used. Specifically, 1mm tall inductor
and 0.22µF output capacitor for a typical application
are sufficient. Additionally, the schottky diode in boost
circuit is integrated on this chip. AP3030 also provides
a disable pin to ease its use for different systems.
The output over-voltage protection is implemented in
AP3030. When any LED is broken or in other abnor-
mal conditions, the output voltage will be clamped.
The AP3030 is available in standard SOT-23-6 and
TSOT-23-6 packages.
Features
·
Inherently Uniform LED Current
·
High Efficiency up to 84%
·
No Need for External Schottky Diode
·
Output Over-Voltage Protection (OVP)
·
Fixed 1.2MHz Switching Frequency
·
Uses Tiny 1mm Tall Inductor
·
Requires Only 0.22µF Output Capacitor
Applications
·
Cellular Phones
·
Digital Cameras
·
LCD modules
·
GPS Receivers
·
PDAs, Handheld Computers
Figure 1. Package Types of AP3030
SOT-23-6
TSOT-23-6


Similar Part No. - AP3030

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP3030 BCDSEMI-AP3030 Datasheet
240Kb / 13P
WHITE LED STEP-UP CONVERTER
logo
Hammond Manufacturing L...
AP3030 HAMMOND-AP3030 Datasheet
53Kb / 1P
Panels for N1A Series Enclosures
logo
BCD Semiconductor Manuf...
AP3030KTR-E1 BCDSEMI-AP3030KTR-E1 Datasheet
240Kb / 13P
WHITE LED STEP-UP CONVERTER
AP3030KTR-G1 BCDSEMI-AP3030KTR-G1 Datasheet
240Kb / 13P
WHITE LED STEP-UP CONVERTER
AP3030KTTR-E1 BCDSEMI-AP3030KTTR-E1 Datasheet
240Kb / 13P
WHITE LED STEP-UP CONVERTER
More results

Similar Description - AP3030

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1521 ANACHIP-AP1521 Datasheet
200Kb / 8P
White LED Step-Up Converter
Rev. 0.1 Apr. 27, 2004
logo
IXYS Corporation
MX841 IXYS-MX841 Datasheet
202Kb / 6P
White LED Step-Up Converter
logo
Unisonic Technologies
L1937 UTC-L1937 Datasheet
60Kb / 7P
WHITE LED STEP-UP CONVERTER
L5100 UTC-L5100 Datasheet
121Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
Gamma Microelectronics ...
GM1937 GAMMA-GM1937 Datasheet
133Kb / 9P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP5726 DIODES-AP5726_10 Datasheet
299Kb / 17P
WHITE LED STEP-UP CONVERTER
DS31845 Rev. 3 - 2
logo
Unisonic Technologies
L5100 UTC-L5100_10 Datasheet
294Kb / 7P
WHITE LED STEP-UP CONVERTER
logo
BCD Semiconductor Manuf...
AP3019A BCDSEMI-AP3019A Datasheet
619Kb / 15P
WHITE LED STEP-UP CONVERTER
AP3036 BCDSEMI-AP3036 Datasheet
484Kb / 14P
WHITE LED STEP-UP CONVERTER
logo
Diodes Incorporated
AP3036B DIODES-AP3036B Datasheet
517Kb / 11P
WHITE LED STEP-UP CONVERTER
Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com