Electronic Components Datasheet Search
  English  ▼

X  

LTC3603 Datasheet(PDF) 18 Page - Linear Technology

Part # LTC3603
Description  2.5A, 15V Monolithic Synchronous Step-Down Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3603 Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC3603 Datasheet HTML 14Page - Linear Technology LTC3603 Datasheet HTML 15Page - Linear Technology LTC3603 Datasheet HTML 16Page - Linear Technology LTC3603 Datasheet HTML 17Page - Linear Technology LTC3603 Datasheet HTML 18Page - Linear Technology LTC3603 Datasheet HTML 19Page - Linear Technology LTC3603 Datasheet HTML 20Page - Linear Technology LTC3603 Datasheet HTML 21Page - Linear Technology LTC3603 Datasheet HTML 22Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
LTC3603
18
3603fa
TYPICAL APPLICATIONS
3.3V, 2.5A Regulator, Synchronized to 1.8MHz, Small Size
CIN
22μF
VIN
12V
VOUT
2.5V
2.5A
3603 TA05
D1
L1
1μH
ROSC
69.8k
RITH
2.94k
R1
105k
RPG
200k
CVCC
1μF
CITH
470pF
SYNC/MODE
PGOOD
RT
ITH
VFB
RUN
TRACK/SS
PGND
INTVCC
PVIN
PVIN
BOOST
SW
SW
SW
PGND
PGND
LTC3603
R2
332k
CFB
10pF
COUT
47μF
CBST
0.22μF
PGOOD
1.8MHz
EXT. CLK
L1: VISHAY IHLP2525CZER1ROMO1
CIN: TAIYO YUDEN TMK325BJ226MM-T
COUT: MURATA GRM31CR60J476ME19
Efficiency vs Load Current,
1.8V Regulator at 1MHz, Burst Mode Operation
LOAD CURRENT (A)
70
80
85
95
100
0.001
0.1
1
10
3603 TA04a
60
0.01
90
75
65
VIN = 7.2V
VIN = 12V
Efficiency vs Load Current,
1.2V Regulator at 750kHz, Burst Mode Operation
LOAD CURRENT (A)
65
95
100
60
55
90
75
85
80
70
0.001
0.1
1
10
3603 TA04b
50
0.01
VIN = 7.2V
VIN = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com