Electronic Components Datasheet Search
  English  ▼

X  

LTC3603 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3603
Description  2.5A, 15V Monolithic Synchronous Step-Down Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3603 Datasheet(HTML) 4 Page - Linear Technology

  LTC3603 Datasheet HTML 1Page - Linear Technology LTC3603 Datasheet HTML 2Page - Linear Technology LTC3603 Datasheet HTML 3Page - Linear Technology LTC3603 Datasheet HTML 4Page - Linear Technology LTC3603 Datasheet HTML 5Page - Linear Technology LTC3603 Datasheet HTML 6Page - Linear Technology LTC3603 Datasheet HTML 7Page - Linear Technology LTC3603 Datasheet HTML 8Page - Linear Technology LTC3603 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
LTC3603
4
3603fa
TYPICAL PERFORMANCE CHARACTERISTICS
VREF vs Temperature
Switch On-Resistance
vs Input Voltage
Switch On-Resistance
vs Temperature
PVIN Leakage Current
vs Input Voltage
Frequency vs ROSC
Frequency vs Input Voltage
TEMPERATURE (°C)
–50
0.6004
0.6006
25
75
0.6002
0.6000
–25
0
50
100
125
0.5998
0.5996
0.5994
VIN = 12V
3603 G03
INPUT VOLTAGE (V)
5
70
80
90
13
3603 G04
60
50
65
75
85
55
45
40
7
9
11
6
414
8
10
12
15
VBOOST – VSW = INTVCC
TOP
BOTTOM
TEMPERATURE (°C)
–50
80
100
120
25
75
3603 G05
60
40
–25
0
50
100
125
20
0
VIN = 12V
TOP
BOTTOM
INPUT VOLTAGE (V)
5
30
40
50
13
3603 G06
20
10
25
35
45
15
5
0
7
9
11
6
414
8
10
12
15
VRUN = 0V
ROSC (kΩ)
0
2000
2500
3500
150
250
1500
1000
50
100
200
300
350
500
0
3000
3603 G07
INPUT VOLTAGE (V)
1010
1020
1030
3603 G08
990
4
5
6
7
8
9
10 11 12 13 14 15
1040
1000
980
970
960
ROSC = 105kΩ
Burst Mode Operation
Load Step Transient
Forced Continuous
OUTPUT
VOLTAGE
50mV/DIV
INDUCTOR
CURRENT
500mA/DIV
10μs/DIV
3603 G01
VIN = 12V
VOUT = 3.3V
LOAD = 50mA
OUTPUT
VOLTAGE
100mV/DIV
LOAD
CURRENT
1A/DIV
10μs/DIV
3603 G02
VIN = 12V
VOUT = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com