Electronic Components Datasheet Search
  English  ▼

X  

APA2178 Datasheet(PDF) 23 Page - Anpec Electronics Coropration

Part # APA2178
Description  100mW Stereo Cap-Free Headphone Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2178 Datasheet(HTML) 23 Page - Anpec Electronics Coropration

Back Button APA2178 Datasheet HTML 19Page - Anpec Electronics Coropration APA2178 Datasheet HTML 20Page - Anpec Electronics Coropration APA2178 Datasheet HTML 21Page - Anpec Electronics Coropration APA2178 Datasheet HTML 22Page - Anpec Electronics Coropration APA2178 Datasheet HTML 23Page - Anpec Electronics Coropration APA2178 Datasheet HTML 24Page - Anpec Electronics Coropration APA2178 Datasheet HTML 25Page - Anpec Electronics Coropration APA2178 Datasheet HTML 26Page - Anpec Electronics Coropration APA2178 Datasheet HTML 27Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jul., 2009
www.anpec.com.tw
23
APA2178
voltage PV
DD to provide maximum device performance.
By switching the both RSD and LSD pins to low level, the
amplifier enters a low-consumption current circumstance,
with charge pump disabled, and very small I
DD for the
APA2178. The charge pump is enabled once either RSD
or LSD pin is pulled to high. In normal operating, the
APA2178 RSD and LSD pins should be pulled to high
level to keep the IC out of the shutdown mode. The RSD
and LSD pins should be tied to a definite voltage to avoid
unwanted mode changing.
Function Description
Figure 1. Cap-free Operation
The APA2178 headphone drivers use a charge pump to
invert the positive power supply (PV
DD) to negative power
supply (CV
SS), see figure 1. The headphone drivers oper-
ate at this bipolar power supply (V
DD and VSS) and the out-
puts reference refers to the ground. This feature elimi-
nates the output capacitors which are used in conven-
tional single-ended headphone amplifiers. Compared
with the single power supply amplifiers, the power sup-
ply voltage is almost double.
The APA2178 is a stereo, fixed gain, and cap-free head-
phone driver. The gain is set by internal resistors, input
resistors (R
i), and feedback resistors (Rf) with -1.5V/V
(See Typical Application Circuit).
Shutdown Function
In order to reduce power consumption, the APA2178 con-
tains two shutdown signal input pins (LSD for left chan-
nel and RSD for right channel) to allow the respective
shutdown which turns off the bias current of the amplifier.
This shutdown feature turns the amplifier off when logic
low is placed on the RSD or LSD pin for the APA2178.
The trigger point between a logic high and a logic low
level is typically 0.6V
DD and 0.3VDD. It is highly recom-
mended to switch between the ground and the supply
V
DD
V
DD/2
GND
V
OUT
V
DD
V
SS
GND
V
OUT
Conventional Headphone amplifier
Cap-free Headphone amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com