Electronic Components Datasheet Search
  English  ▼

X  

APA2178 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APA2178
Description  100mW Stereo Cap-Free Headphone Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2178 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APA2178 Datasheet HTML 1Page - Anpec Electronics Coropration APA2178 Datasheet HTML 2Page - Anpec Electronics Coropration APA2178 Datasheet HTML 3Page - Anpec Electronics Coropration APA2178 Datasheet HTML 4Page - Anpec Electronics Coropration APA2178 Datasheet HTML 5Page - Anpec Electronics Coropration APA2178 Datasheet HTML 6Page - Anpec Electronics Coropration APA2178 Datasheet HTML 7Page - Anpec Electronics Coropration APA2178 Datasheet HTML 8Page - Anpec Electronics Coropration APA2178 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jul., 2009
www.anpec.com.tw
3
APA2178
Symbol
Parameter
Typical Value
Unit
θ
JA
Junction-to-Ambient Resistance in Free Air
(Note 2)
WLCSP2x2-16
160
oC/W
Absolute Maximum Ratings (Note 1)
Symbol
Parameter
Rating
Unit
VPVDD_VDD
PVDD to VDD Voltage
-0.3 to 0.3
V
VPGND_GND
PGND to GND Voltage
-0.3 to 0.3
V
PVDD, VDD
Supply Voltage (VDD and PVDD to GND and PGND)
-0.3 to 5.5
V
VRSD, VLSD
Input Voltage (RSD and LSD to GND)
GND-0.3 to VDD+0.3
V
VSS, CVSS
VSS and CVSS to GND and PGND Voltage
-5.5 to 0.3
V
VROUT, VLOUT
ROUT and LOUT to GND Voltage
VSS-0.3 to VDD+0.3
V
VCP+
CP+ to PGND Voltage
PGND-0.3 to PVDD+0.3
V
VCP-
CP- to PGND Voltage
PVSS-0.3 to PGND+0.3
V
TA
Operating Ambient Temperature Range
-40 to 85
οC
TJ
Maximum Junction Temperature
150
οC
TSTG
Storage Temperature Range
-65 to +150
οC
TSDR
Maximum Soldering Temperature Range, 10 Seconds
260
οC
PD
Power Dissipation
Internally Limited
W
(Over operating free-air temperature range unless otherwise noted.)
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Thermal Characteristics
Recommended Operating Conditions (Note 3)
Symbol
Parameter
Range
Unit
VDD
Supply Voltage
1.8 ~ 4.5
V
VIH
High Level Threshold Voltage
RSD, LSD
0.6VDD ~ VDD
V
VIL
Low Level Threshold Voltage
RSD, LSD
0 ~ 0.3VDD
V
VICM
Common Mode Input Voltage
~ VDD-0.5
V
TA
Ambient Temperature
-40 ~ 85
oC
TJ
Junction Temperature
-40 ~ 125
oC
RL
Headphone Resistance
14 ~
Ω
Note 3 : Refer to the typical application circuit.
Note 2: Please refer to “Thermal Pad Consideration”. 2 layered 5 in2 printed circuit boards with 2oz trace and copper through several
thermal vias. The thermal pad is soldered on the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com