Electronic Components Datasheet Search
  English  ▼

X  

APA2178 Datasheet(PDF) 4 Page - Anpec Electronics Coropration

Part # APA2178
Description  100mW Stereo Cap-Free Headphone Driver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA2178 Datasheet(HTML) 4 Page - Anpec Electronics Coropration

  APA2178 Datasheet HTML 1Page - Anpec Electronics Coropration APA2178 Datasheet HTML 2Page - Anpec Electronics Coropration APA2178 Datasheet HTML 3Page - Anpec Electronics Coropration APA2178 Datasheet HTML 4Page - Anpec Electronics Coropration APA2178 Datasheet HTML 5Page - Anpec Electronics Coropration APA2178 Datasheet HTML 6Page - Anpec Electronics Coropration APA2178 Datasheet HTML 7Page - Anpec Electronics Coropration APA2178 Datasheet HTML 8Page - Anpec Electronics Coropration APA2178 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Jul., 2009
www.anpec.com.tw
4
APA2178
Electrical Characteristics
AP2178
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
1.8
-
4.5
V
IDD
Supply Current
-
5
10
mA
ISD
Shutdown Current
RSD =LSD= 0V
-
1
2
µA
Ii
Input Current
RSD, LSD
-
0.1
-
µA
CHARGE PUMP
FOSC
Switching Frequency
440
520
580
kHz
Req
Charge Pump Requirement
Resistance
6
7
9
Ω
POWER-ON-RESET
Rising VDD Threshold
1.67
1.7
1.73
V
Falling VDD Threshold
1.57
1.6
1.63
V
AMPLIFIERS
AV
Internal Voltage Gain
No Load
-1.55
-1.5
-1.45
V/V
∆A
V
Gain Match
-
1
-
%
Ri
Input Resistance
12
14
16
k
Ω
SR
Slew Rate
-
2.5
-
V/
µs
VOS
Output Offset Voltage
VDD=1.8V to 4.5V, RL = 32
Ω
-5
-
5
mV
Vn
Noise Output Voltage
-
15
-
µVrms
VDD=1.8V to 4.5V,Vrr=200mVrms
fin= 217Hz
78
fin=1kHz
75
PSRR
Power Supply Rejection Ratio
fin= 20kHz
-
55
-
dB
CL
Maximum Capacitive Load
-
400
-
pF
Tstart-up
Start-up Time
-
120
-
µs
OUTR, OUTL
ESD Protection
-
± 8
-
kV
VDD=4.5V, TA=25°
C
THD+N = 1%, fin=1kHz
RL = 16
Ω
150
RL = 32
Ω
120
145
-
THD+N = 10%, fin=1kHz
RL = 16
Ω
215
PO
Output Power (Stereo, in Phase)
RL = 32
Ω
180
205
-
mW
fin = 1kHz
PO = 105mW, RL = 16
Ω
0.03
PO = 100mW, RL = 32
Ω
0.02
VO = 2.2Vrms, RL = 300
Ω
0.005
THD+N
Total Harmonic Distortion Pulse
Noise
VO = 2.2Vrms, RL = 10k
Ω
-
0.003
-
%
Unless otherwise specified, these specifications apply over V
DD=PVDD=3.3V, VPGND=VGND=0V, and CCPO=CCPF=1µF.
Typical values are at T
A=25
oC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com