Electronic Components Datasheet Search
  English  ▼

X  

APL5316 Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL5316
Description  Low Dropout 300mA Linear Regulator With Power-Ok Indicator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5316 Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL5316 Datasheet HTML 1Page - Anpec Electronics Coropration APL5316 Datasheet HTML 2Page - Anpec Electronics Coropration APL5316 Datasheet HTML 3Page - Anpec Electronics Coropration APL5316 Datasheet HTML 4Page - Anpec Electronics Coropration APL5316 Datasheet HTML 5Page - Anpec Electronics Coropration APL5316 Datasheet HTML 6Page - Anpec Electronics Coropration APL5316 Datasheet HTML 7Page - Anpec Electronics Coropration APL5316 Datasheet HTML 8Page - Anpec Electronics Coropration APL5316 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Aug, 2008
APL5316
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and
advise customers to obtain the latest version of relevant information to verify before placing orders.
Low Dropout 300mA Linear Regulator With Power-Ok Indicator
Features
•
Wide Operating Voltage: 2.8~6V
•
Fixed Output Voltage in the range of 0.8V~5.5V
•
Low Dropout Voltage:
170mV(typical) @ 300mA
•
Guaranteed 300mA Output Current
•
Power-Ok Indicator
•
Current Limit Protection with Foldback Current
•
Internal Soft-Start
•
Over Temperature Protection
•
Stable with Low ESR Ceriamic Capacitors
•
SOT-23-5 Package
•
Lead Free and Green Devices Available
(RoHS Compliant)
General Description
The APL5316 is a low dropout linear regulator which
needs only a single input voltage supply from 2.8 to
6V, and it can deliver output current up to 300mA. It can
work with low ESR ceramic capacitors and ideally use
in the battery-powered applications, such as notebook
computers and cellular phones. Its typical dropout volt-
age is only 170mV at 300mA loading. A power-ok detec-
tion indicates the output status at POK pin. The current
limit protection (with foldback current) and thermal shut-
down functions protect the device against current over-
loads and over temperature. The APL5316 is available in
a SOT-23-5 package.
•
Cellular Phones
•
Portable and Battery-powered Equipment
•
Notebook and Personal Computers
Pin Configuration
Ordering and Marking Information
Applications
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020C for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
1
VIN 1
5 VOUT
SHDN 3
GND 2
4 POK
SOT-23-5
APL5316
Temperature Range
Package Code
Voltage Code
APL5316
Handling Code
Assembly Material
Package Code
B : SOT-23-5
Operating Junction Temperature Range
I : -40 to 85 C
Handling Code
TR : Tape & Reel
Voltage Code
12 : 1.2V
33 : 3.3V
Assembly Material
L : Lead Free Device
G: Halogen and Lead Free Device
°
APL5316 -12 B:
365X
X - Date code
APL5316 -33 B:
36RX


Similar Part No. - APL5316

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5316 ANPEC-APL5316 Datasheet
434Kb / 16P
Low Dropout 300mA Linear Regulator With Power-Ok Indicator
APL5316-12BI-TRG ANPEC-APL5316-12BI-TRG Datasheet
434Kb / 16P
Low Dropout 300mA Linear Regulator With Power-Ok Indicator
APL5316-12BI-TRL ANPEC-APL5316-12BI-TRL Datasheet
434Kb / 16P
Low Dropout 300mA Linear Regulator With Power-Ok Indicator
APL5316-15BI-TRG ANPEC-APL5316-15BI-TRG Datasheet
434Kb / 16P
Low Dropout 300mA Linear Regulator With Power-Ok Indicator
APL5316-15BI-TRL ANPEC-APL5316-15BI-TRL Datasheet
434Kb / 16P
Low Dropout 300mA Linear Regulator With Power-Ok Indicator
More results

Similar Description - APL5316

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
300mA Low Dropout Linear Regulator
logo
Maxim Integrated Produc...
MAX8875 MAXIM-MAX8875 Datasheet
435Kb / 8P
150mA, Low-Dropout Linear Regulator with Power-OK Output
MAX8885 MAXIM-MAX8885 Datasheet
179Kb / 8P
150mA, Low-Dropout Linear Regulator with Power-OK Output
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
300MA LOW DROPOUT LINEAR REGULATOR
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
300mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
300mA Low Dropout Linear Regulator
logo
Diodes Incorporated
AP131 DIODES-AP131_09 Datasheet
123Kb / 7P
300mA LOW DROPOUT LINEAR REGULATOR WITH
AP131 Rev. 7
logo
Anpec Electronics Corop...
APL5316 ANPEC-APL5316_11 Datasheet
434Kb / 16P
Low Dropout 300mA Linear Regulator With Power-Ok Indicator
logo
Advanced Power Electron...
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
300mA LOW DROPOUT LINEAR REGULATOR
logo
Maxim Integrated Produc...
MAX8875 MAXIM-MAX8875_V01 Datasheet
260Kb / 9P
150mA, Low-Dropout Linear Regulator with Power-OK Output
2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com