Electronic Components Datasheet Search
  English  ▼

X  

APL5316 Datasheet(PDF) 3 Page - Anpec Electronics Coropration

Part # APL5316
Description  Low Dropout 300mA Linear Regulator With Power-Ok Indicator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5316 Datasheet(HTML) 3 Page - Anpec Electronics Coropration

  APL5316 Datasheet HTML 1Page - Anpec Electronics Coropration APL5316 Datasheet HTML 2Page - Anpec Electronics Coropration APL5316 Datasheet HTML 3Page - Anpec Electronics Coropration APL5316 Datasheet HTML 4Page - Anpec Electronics Coropration APL5316 Datasheet HTML 5Page - Anpec Electronics Coropration APL5316 Datasheet HTML 6Page - Anpec Electronics Coropration APL5316 Datasheet HTML 7Page - Anpec Electronics Coropration APL5316 Datasheet HTML 8Page - Anpec Electronics Coropration APL5316 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Aug, 2008
APL5316
www.anpec.com.tw
3
Electrical Characteristics
Unless otherwise specified, these specifications apply over V
IN = VOUT+1V (min VIN=2.8V), IOUT=0~300mA, CIN = 1µF, COUT = 2.2µF,
T
A = -40 to 85
oC. Typical values are at T
A = 25
oC.
APL5316
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Input Voltage
2.8
-
6
V
IQ
Quiescent Current
IOUT =10mA ~300mA
-
135
160
µA
Output Voltage Accuracy
IOUT=10mA
-2
-
+2
%
REGLINE Line Regulation
ΔVOUT%/ΔVIN, IOUT=10mA
-0.06
-
+0.06
%/V
REGLOAD Load Regulation
ΔVOUT%/ΔIOUT
-0.2
-
+0.2
%/A
VDROP
Dropout Voltage
VOUT = 3.3V, IOUT = 300mA
-
170
300
mV
PSRR
Power Supply Ripple Rejection
Ratio
f = 10kHz, IOUT = 300mA
-
45
-
dB
ILIMIT
Current Limit
450
600
-
mA
ISHORT
Foldback Current
VOUT = 0V
-
80
-
mA
SHDN Input Voltage High
1.6
-
-
SHDN Input Voltage Low
-
-
0.4
V
Shutdown VIN Supply Current
SHDN = Low, VIN = 6V
-
0.1
1
µA
SHDN Pull Low Resistance
-
3
-
M
Ω
VOUT Discharge MOSFET
RDS(ON)
SHDN = Low
-
60
-
Ω
Over Temperature Threshold
-
160
-
°
C
Over Temperature Hysteresis
-
40
-
°
C
TSS
Soft-Start Interval
-
60
-
µs
VPOK
POK threshold Voltage for
Power Ok
VOUT Rising
89
92
95
%V
OUT
VPNOK
POK threshold Voltage for
Power Not Ok
VOUT falling
78
81
84
%V
OUT
POK Low Voltage
POK sinks 5mA
-
0.25
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com