Electronic Components Datasheet Search
  English  ▼

X  

APL5316 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL5316
Description  Low Dropout 300mA Linear Regulator With Power-Ok Indicator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5316 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL5316 Datasheet HTML 1Page - Anpec Electronics Coropration APL5316 Datasheet HTML 2Page - Anpec Electronics Coropration APL5316 Datasheet HTML 3Page - Anpec Electronics Coropration APL5316 Datasheet HTML 4Page - Anpec Electronics Coropration APL5316 Datasheet HTML 5Page - Anpec Electronics Coropration APL5316 Datasheet HTML 6Page - Anpec Electronics Coropration APL5316 Datasheet HTML 7Page - Anpec Electronics Coropration APL5316 Datasheet HTML 8Page - Anpec Electronics Coropration APL5316 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.2 - Aug, 2008
APL5316
www.anpec.com.tw
2
Symbol
Parameter
Rating
Unit
VIN
VIN Supply Voltage (VIN to GND)
-0.3 ~ 6.5
V
VSHDN
SHDN Input Voltage (SHDN to GND)
-0.3 ~ 6.5
V
PD
Power Dissipation
Internally Limited
W
TJ
Junction Temperature
-40 ~ 150
°
C
TSTG
Storage Temperature
-65 ~ 150
°
C
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
°
C
Absolute Maximum Ratings
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Thermal Resistance-Junction to Ambient
(Note 1)
240
oC/W
θ
JC
Thermal Resistance- Junction to Case
130
oC/W
Note 1 :
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air.
Recommended Operating Conditions
Symbol
Parameter
Range
Unit
VIN
VIN Supply Voltage
2.8 ~ 6
V
VOUT
Output Voltage
Fixed Voltage
V
IOUT
VOUT Output Current
0 ~ 300
mA
COUT
Output Capacitor
1.5 ~ 22
µF
TJ
Junction Temperature
-40 ~ 125
oC
Simplified Application Circuits
VIN
GND
VOUT
POK
C
IN
3
2
1
5
4
APL5316
V
OUT
C
OUT
V
IN
POK
R
1
SHDN
VIN
SHDN
GND
VOUT
POK
C
IN
3
2
1
5
4
APL5316
V
OUT
C
OUT
V
IN
V
IN
POK
R
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com