Electronic Components Datasheet Search
  English  ▼

X  

ISO7420 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7420
Description  Low-Power Dual Digital Isolators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7420 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO7420 Datasheet HTML 3Page - Texas Instruments ISO7420 Datasheet HTML 4Page - Texas Instruments ISO7420 Datasheet HTML 5Page - Texas Instruments ISO7420 Datasheet HTML 6Page - Texas Instruments ISO7420 Datasheet HTML 7Page - Texas Instruments ISO7420 Datasheet HTML 8Page - Texas Instruments ISO7420 Datasheet HTML 9Page - Texas Instruments ISO7420 Datasheet HTML 10Page - Texas Instruments ISO7420 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
ISO7420, ISO7420M
ISO7421, ISO7421M
www.ti.com
SLLS984A – JUNE 2009 – REVISED DECEMBER 2009
ELECTRICAL CHARACTERISTICS
VCC1 and VCC2 at 3.3 V ±10%, TA = –55°C to 125°C for ISO7421M, TA = –40°C to 105°C for ISO7421
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOH = –4 mA; see Figure 1.
VCC – 0.4
3
VOH
High-level output voltage
V
IOH = –20 μA; see Figure 1.
VCC – 0.1
3.3
IOL = 4 mA; see Figure 1.
0.2
0.4
VOL
Low-level output voltage
V
IOL = 20 μA; see Figure 1.
0
0.1
VI(HYS) Input threshold voltage hysteresis
400
mV
IIH
High-level input current
10
μA
IN from 0 V or VCC
IIL
Low-level input current
–10
μA
CI
Input capacitance to ground
IN at VCC, VI = 0.4 sin (4E6πt)
1
pF
Common-mode transient
CMTI
VI = VCC or 0 V; see Figure 3.
25
40
kV/
μs
immunity
SUPPLY CURRENT
ISO7420
Quiescent
0.2
0.5
25 Mbps
0.8
1.3
ICC1
Supply current for VCC1
VI = VCC or 0 V, no load
mA
100 Mbps
2.1
3.5
200 Mbps
4
7
Quiescent
2
3.5
25 Mbps
2.7
5
ICC2
Supply current for VCC2
VI = VCC or 0 V, no load
mA
100 Mbps
4.5
7.5
200 Mbps
7
12
ISO7421
Quiescent
1.5
2.5
25 Mbps
2.2
3.5
ICC1
Supply current for VCC1
VI = VCC or 0 V, no load
mA
100 Mbps
4.2
6
200 Mbps
7.2
9
Quiescent
1.5
2.5
25 Mbps
2.2
3.5
ICC2
Supply current for VCC2
VI = VCC or 0 V, no load
mA
100 Mbps
4.2
6
200 Mbps
7.2
9
SWITCHING CHARACTERISTICS
VCC1 and VCC2 at 3.3 V ± 10%, TA = –55°C to 125°C for ISO7421M, TA = –40°C to 105°C for ISO7421
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
12
18
ns
PWD(1)
Pulse duration distortion |tPHL – tPLH|
See Figure 1.
1
3
ns
tsk(pp)
Part-to-part skew time
4
ns
tsk(o)
Channel-to-channel output skew time
3.5
ns
tr
Output signal rise time
2
ns
See Figure 1.
tf
Output signal fall time
2
ns
tfs
Fail-safe output delay time from input power loss
See Figure 2.
6
μs
tui
Input pulse duration
10
5
ns
1 / tui
Signaling rate
0
200
100
Mbps
(1)
Also known as pulse skew.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): ISO7420, ISO7420M ISO7421, ISO7421M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com