Electronic Components Datasheet Search
  English  ▼

X  

ISO7420 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7420
Description  Low-Power Dual Digital Isolators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7420 Datasheet(HTML) 10 Page - Texas Instruments

Back Button ISO7420 Datasheet HTML 6Page - Texas Instruments ISO7420 Datasheet HTML 7Page - Texas Instruments ISO7420 Datasheet HTML 8Page - Texas Instruments ISO7420 Datasheet HTML 9Page - Texas Instruments ISO7420 Datasheet HTML 10Page - Texas Instruments ISO7420 Datasheet HTML 11Page - Texas Instruments ISO7420 Datasheet HTML 12Page - Texas Instruments ISO7420 Datasheet HTML 13Page - Texas Instruments ISO7420 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10
100
0
250
500
750
1000
V
– WorkingVoltage – V
IORM
880
120
V
at560V
IORM
28 Years
G001
ISO7420, ISO7420M
ISO7421, ISO7421M
SLLS984A – JUNE 2009 – REVISED DECEMBER 2009
www.ti.com
REGULATORY INFORMATION
VDE
CSA
UL
Certified according to IEC
Approved under CSA Component
Recognized under 1577 Component Recognition
60747-5-2
Acceptance Notice
Program(1)
File number: pending (40016131)
File number: pending (1698195)
File number: pending (E181974)
(1)
Production tested
≥ 3000 Vrms for 1 second in accordance with UL 1577.
LIFE EXPECTANCY vs WORKING VOLTAGE
Figure 4. Life Expectancy vs Working Voltage
IEC SAFETY LIMITING VALUES
Safety limiting intends to prevent potential damage to the isolation barrier upon failure of input or output circuitry. A failure of
the I/O can allow low resistance to ground or the supply and, without current limiting, dissipate sufficient power to overheat
the die and damage the isolation barrier, potentially leading to secondary system failures.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
θJA = 212°C/W, VI = 5.5 V, TJ = 170°C, TA = 25°C
124
Safety input, output, or supply
IS
mA
current
θJA = 212°C/W, VI = 3.6 V, TJ = 170°C, TA = 25°C
190
TS
Maximum case temperature
150
°C
The safety-limiting constraint is the absolute-maximum junction temperature specified in the Absolute Maximum
Ratings table. The power dissipation and junction-to-air thermal impedance of the device installed in the
application hardware determines the junction temperature. The assumed junction-to-air thermal resistance in the
Thermal Characteristics table is that of a device installed in the JESD51-3, Low-Effective-Thermal-Conductivity
Test Board for Leaded Surface-Mount Packages and is conservative. The power is the recommended maximum
input voltage times the current. The junction temperature is then the ambient temperature plus the power times
the junction-to-air thermal resistance.
PACKAGE THERMAL CHARACTERISTICS
(over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Low-K thermal resistance(1)
212
θJA
Junction-to-air thermal resistance
°C/W
High-K thermal resistance(1)
122
(1)
Tested in accordance with the low-K or high-K thermal metric definitions of EIA/JESD51-3 for leaded surface-mount packages
10
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ISO7420, ISO7420M ISO7421, ISO7421M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com