Electronic Components Datasheet Search
  English  ▼

X  

ISO7420 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7420
Description  Low-Power Dual Digital Isolators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7420 Datasheet(HTML) 3 Page - Texas Instruments

  ISO7420 Datasheet HTML 1Page - Texas Instruments ISO7420 Datasheet HTML 2Page - Texas Instruments ISO7420 Datasheet HTML 3Page - Texas Instruments ISO7420 Datasheet HTML 4Page - Texas Instruments ISO7420 Datasheet HTML 5Page - Texas Instruments ISO7420 Datasheet HTML 6Page - Texas Instruments ISO7420 Datasheet HTML 7Page - Texas Instruments ISO7420 Datasheet HTML 8Page - Texas Instruments ISO7420 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
ISO7420, ISO7420M
ISO7421, ISO7421M
www.ti.com
SLLS984A – JUNE 2009 – REVISED DECEMBER 2009
ABSOLUTE MAXIMUM RATINGS
(1)
VALUE
VCC
Supply voltage(2), VCC1, VCC2
–0.5 V to 6 V
VI
Voltage at IN, OUT
–0.5 V to 6 V
IO
Output current
±15 mA
Human-body model
JEDEC Standard 22, Test Method A114-C.01
±4 kV
Electrostatic
Field-induced charged-device
ESD
JEDEC Standard 22, Test Method C101
All pins
±1.5 kV
discharge
model
Machine model
ANSI/ESDS5.2-1996
±200 V
TJ(Max) Maximum junction temperature
150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values except differential I/O bus voltages are with respect to network ground terminal and are peak voltage values.
RECOMMENDED OPERATING CONDITIONS
MIN
TYP MAX
UNIT
VCC1, VCC2
Supply voltage
3
5.5
V
IOH
High-level output current
4
mA
IOL
Low-level output current
–4
VIH
High-level input voltage
2
VCC
V
VIL
Low-level input voltage
0
0.8
TJ
(1)
Junction temperature
–55
136
°C
(1)
To maintain the recommended operating conditions for TJ, see the Package Thermal Characteristics table and the Icc Equations section
of this data sheet.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): ISO7420, ISO7420M ISO7421, ISO7421M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com