Electronic Components Datasheet Search
  English  ▼

X  

RT230PD Datasheet(PDF) 9 Page - RFHIC

Part # RT230PD
Description  Power Transistor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RT230PD Datasheet(HTML) 9 Page - RFHIC

Back Button RT230PD Datasheet HTML 5Page - RFHIC RT230PD Datasheet HTML 6Page - RFHIC RT230PD Datasheet HTML 7Page - RFHIC RT230PD Datasheet HTML 8Page - RFHIC RT230PD Datasheet HTML 9Page - RFHIC RT230PD Datasheet HTML 10Page - RFHIC RT230PD Datasheet HTML 11Page - RFHIC RT230PD Datasheet HTML 12Page - RFHIC RT230PD Datasheet HTML 13Page - RFHIC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
▪ Tel : 82-31-250-5011
▪ rfsales@rfhic.com
R
RT
T223300P
PD
D
P
Poow
weerr T
Trraan
nssiissttoorr
▪ All specifications may change without notice.
▪ Version 5.2
Application Circuit for RT230PD(1800 ~ 1900MHz)
Performance Charts (Vd=9V, Id=450mA, Ta=25℃)
Typical Specifications
Frequency Range
MHz
1700
1750
1800
Gain
dB
16.9
17
16.6
Input Return Loss
dB
-10
-22
-13
Output P1dB
dBm
34.5
Output IP3
dBm
47
Noise Figure
dB
2.5
Channel Power@ -45dBc ACPR
dBm
27.5
Application Circuit ( 1800 ~ 1900MHz )
C10
C9
C8
C7
C6
C5
C4
C3
C2
C1
RF OUT
RF IN
C11
Z4
RT230PD
-
+
+
-
Z3
L2
L1
Z2
Z1
R1
Bill of Material
Text
Value
Size(mm)
Text
Value
Size(mm)
C4
100pF
1608
R1
51 Ω
1608
C1,C5
1000pF
1608
L1
18nH
1608
C2,C6
0.1uF
1608
L2
18nH
2520
C3,C7
4.7uF
3216
Z1
1.4 ⅹ7.0
C8
10pF
1608
Z2
1.4 ⅹ2.0
C9
3.0pF
1608
Z3
1.4 ⅹ2.0
C10
1.5pF
1608
Z4
W ⅹ L
1.4ⅹ7.0
C11
5pF
1608
Circuit Board Material : FR4(εr=4.7), 0.8mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com