Electronic Components Datasheet Search
  English  ▼

X  

RT230PD Datasheet(PDF) 17 Page - RFHIC

Part # RT230PD
Description  Power Transistor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RT230PD Datasheet(HTML) 17 Page - RFHIC

Back Button RT230PD Datasheet HTML 13Page - RFHIC RT230PD Datasheet HTML 14Page - RFHIC RT230PD Datasheet HTML 15Page - RFHIC RT230PD Datasheet HTML 16Page - RFHIC RT230PD Datasheet HTML 17Page - RFHIC RT230PD Datasheet HTML 18Page - RFHIC RT230PD Datasheet HTML 19Page - RFHIC RT230PD Datasheet HTML 20Page - RFHIC RT230PD Datasheet HTML 21Page - RFHIC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
▪ Tel : 82-31-250-5011
▪ rfsales@rfhic.com
R
RT
T223300P
PD
D
P
Poow
weerr T
Trraan
nssiissttoorr
▪ All specifications may change without notice.
▪ Version 5.2
Application Circuit for RT230PD(2500 ~ 2700MHz)
Performance Charts (Vd=9V, Id=450mA, Ta=25℃)
Typical Specifications
Frequency Range
MHz
2500
2600
2700
Gain
dB
14.7
14.7
14.2
Input Return Loss
dB
-7
-25
-7
Output P1dB
dBm
34
Output IP3
dBm
47
Noise Figure
dB
3.0
Application Circuit ( 2500 ~ 2700MHz )
L3
Z2
C1
C2
C3
+
-
C8
RF IN
Z1
C9
L2
-
+
RT230PD
L1
R1
C4
C5
C6
C7
RF OUT
Z3
Z4
Z5
C11
C10
Bill of Material
Text
Value
Size(mm)
Text
Value
Size(mm)
C4
100pF
1608
L1
18nH
1608
C1,C5
1000pF
1608
L2
18nH
2520
C2,C6
0.1uF
1608
L3
2.7nH
1608
C3,C7
4.7uF
3216
Z1
1.4 ⅹ1.0
C8
10pF
1608
Z2
1.4 ⅹ4.0
C9
1.8pF
1608
Z3
1.4 ⅹ1.0
C10
1.5pF
1608
Z4
1.4ⅹ1.0
C11
5pF
1608
Z5
W ⅹ L
1.4ⅹ7.0
R1
51 Ω
1608
Circuit Board Material : FR4(εr=4.7), 0.8mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com