Electronic Components Datasheet Search
  English  ▼

X  

RT230PD Datasheet(PDF) 22 Page - RFHIC

Part # RT230PD
Description  Power Transistor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

RT230PD Datasheet(HTML) 22 Page - RFHIC

Back Button RT230PD Datasheet HTML 14Page - RFHIC RT230PD Datasheet HTML 15Page - RFHIC RT230PD Datasheet HTML 16Page - RFHIC RT230PD Datasheet HTML 17Page - RFHIC RT230PD Datasheet HTML 18Page - RFHIC RT230PD Datasheet HTML 19Page - RFHIC RT230PD Datasheet HTML 20Page - RFHIC RT230PD Datasheet HTML 21Page - RFHIC RT230PD Datasheet HTML 22Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
▪ Tel : 82-31-250-5011
▪ rfsales@rfhic.com
R
RT
T223300P
PD
D
P
Poow
weerr T
Trraan
nssiissttoorr
▪ All specifications may change without notice.
▪ Version 5.2
Package Dimensions (Type:SP-12)
PN
Value
Description
Maker
Quantity
Q1
N/A
P-channel MOSFET, IRLML5203
IRF
1
Q2
N/A
Dual PNP, UMT1N
Rohm
1
Q3
N/A
DC-DC Converter With Sequency mode, LTC1261
Linear Tech
1
R1
10kΩ
0603, 1/16W
Rohm
1
R2
24Ω
0603, 1/16W
Rohm
1
R3
0.5Ω
1206, 1 W
Rohm
1
R4
1.5KΩ
0603, 1/16W
Rohm
1
R5
1KΩ
0603, 1/16W
Rohm
1
R6
430Ω
0603, 1/16W
Rohm
1
R7
10kΩ
0603, 1/16W
Rohm
1
C1,C2
0.1uF
0603
Murata
1
C3,C4,C5 4.7uF
1206
Taiyo Yuden
3
L1
1uH
0805
Taiyo Yuden
1
Function
Pin No.
Input
7, 8, 9
Output , Bias
1, 2, 3
Ground
4, 5, 6, 10, 11, 12
Backside Copper
RFHIC Corporation (RFHIC) reserves the right to make changes to any products herein or to discontinue any product at any time without notice. RFHIC do not
assume any liability for the suitability of its products for any particular purpose, and disclaims any and all liability, including without limitation consequential or
incidental damages. The product specifications herein expressed have been carefully checked and are assumed to be reliable. However, RFHIC disclaims liability for
inaccuracies and strongly recommends buyers to verify that the information they are using is current before placing purchase orders. RFHIC products are not
intended for use in life support equipment or application where malfunction of the product can be expected to result in personal injury or death. Buyer uses or sells
such products for any such unintended or unauthorized application, buyer shall indemnify, protect and hold RFHIC and its directors, officers, stockholders,
employees, representatives and distributors harmless against any and all claims arising out of such use. RFHIC’s liability under or arising out of damages, claims of
whatsoever kind and nature which RFHIC products could cause shall be limited in amount to the net purchase price of the products sold to buyer by RFHIC
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com