Electronic Components Datasheet Search
  English  ▼

X  

THS7368IPWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS7368IPWR
Description  6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7368IPWR Datasheet(HTML) 1 Page - Texas Instruments

  THS7368IPWR Datasheet HTML 1Page - Texas Instruments THS7368IPWR Datasheet HTML 2Page - Texas Instruments THS7368IPWR Datasheet HTML 3Page - Texas Instruments THS7368IPWR Datasheet HTML 4Page - Texas Instruments THS7368IPWR Datasheet HTML 5Page - Texas Instruments THS7368IPWR Datasheet HTML 6Page - Texas Instruments THS7368IPWR Datasheet HTML 7Page - Texas Instruments THS7368IPWR Datasheet HTML 8Page - Texas Instruments THS7368IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 39 page
background image
R
S-Video
Y’
R
S-Video
C’
R
Y'/G'
R
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
SD1OUT
SD2OUT
SD3OUT
DisableSD
GND
DisableSF
SF1OUT
SF2OUT
SF3OUT
BypassSF
SD1IN
SD2IN
SD3IN
Filter2
V
S+
Filter1
SF1IN
SF2IN
SF3IN
BypassSD
THS7368
Bypass
SDLPF
Bypass
SFLPF
P' /B'
B
R
CVBS
P' /R'
R
R
75 W
CVBS
75 W
S-VideoY'Out
75 W
75 W
S-VideoC'Out
75 W
75 W
Y'/G'Out
75 W
75 W
P' /B'Out
B
75 W
75 W
P' /R'Out
R
75 W
75 W
+2.7Vto
+5V
DisableSF
DisableSD
Filter2
Filter1
THS7368
www.ti.com
SBOS497 – DECEMBER 2009
6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
Check for Samples: THS7368
1
FEATURES
DESCRIPTION
2345
• Three SDTV Video Amplifiers for CVBS,
Fabricated using the revolutionary, complementary
S-Video, Y’/P’B/P’R, 480i/576i, Y’U’V’, or G'B'R'
Silicon-Germanium (SiGe) BiCom3X process, the
THS7368 is a low-power, single-supply, 2.7-V to 5-V,
•
Three SD/ED/HD/Full-HD Selectable Filters for
six-channel integrated video buffer. It incorporates
Y’/P’B/P’R, G’B’R’, or Computer RGB
three
SDTV
filters
and
three
selectable
•
Bypassable Sixth-Order Low-Pass Filters:
SD/ED/HD/Full-HD (also known as True-HD) HDTV
–
Fixed SD Channels: 9.5-MHz
filters.
All
filters
feature
bypassable
sixth-order
Butterworth
characteristics
that
are
useful
as
–
Selectable Channels:
digital-to-analog converter (DAC) reconstruction filters
9.5-MHz/18-MHz/36-MHz/72-MHz
or as analog-to-digital converter (ADC) anti-aliasing
•
Versatile Input Biasing:
filters.
–
DC-Coupled with 300-mV Output Shift
The THS7368 has flexible input coupling capabilities
–
AC-Coupled with Sync-Tip Clamp or Bias
that can be configured for either ac- or dc-coupled
•
Built-in 6-dB Gain (2 V/V)
inputs. The 300-mV output level shift allows for a full
sync dynamic range at the output with 0-V input. The
•
+2.7-V to +5-V Single-Supply Operation
ac-coupled modes include a transparent sync-tip
•
Rail-to-Rail Output:
clamp for CVBS, Y', and G'B'R' signals. AC-coupled
–
Output Swings Within 100 mV from the
biasing for C'/P'B/P'R channels can easily be achieved
Rails: Allows AC or DC Output Coupling
by adding an external resistor to VS+.
–
Supports Driving Two Video Lines/Channel
The THS7368 is an ideal choice for all video buffer
applications. Its rail-to-rail output stage with 6-dB gain
•
Low Total Quiescent Current: 23.4 mA at 3.3 V
allows for both ac and dc line driving. The ability to
•
Disabled Supply Current Function: 0.1
μA
drive two lines, or 75-
Ω loads, allows for maximum
•
Low Differential Gain/Phase: 0.2%/0.35°
flexibility as a video line driver. The 23.4-mA total
quiescent current at 3.3 V and 0.1
μA (disabled
APPLICATIONS
mode) makes it a good choice for systems that must
meet power-sensitive Energy Star® standards.
•
Set Top Box Output Video Buffering
•
PVR/DVDR Output Buffering
The THS7368 is available in a TSSOP-20 package
•
BluRay™ Output Video Buffer
that is lead-free and green (RoHS-compliant).
Figure 1. Single-Supply, DC-Input/DC-Output Coupled Video Line Driver
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
BluRay is a trademark of Blu-ray Disc Association (BDA).
3
Energy Star is a registered trademark of Energy Star.
4
Macrovision is a registered trademark of Macrovision Corporation.
5
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS7368IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7368IPWR TI2-THS7368IPWR Datasheet
1Mb / 45P
6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
DECEMBER 2009
THS7368IPWR.B TI2-THS7368IPWR.B Datasheet
1Mb / 45P
6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
DECEMBER 2009
THS7368IPWRG4 TI2-THS7368IPWRG4 Datasheet
1Mb / 45P
6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
DECEMBER 2009
THS7368IPWRG4.B TI2-THS7368IPWRG4.B Datasheet
1Mb / 45P
6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
DECEMBER 2009
More results

Similar Description - THS7368IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7365 TI-THS7365 Datasheet
1Mb / 53P
6-Channel Video Amplifier with 3-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7373 TI-THS7373 Datasheet
1Mb / 49P
4-Channel Video Amplifier with 1-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7360 TI-THS7360 Datasheet
802Kb / 41P
6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and High Gain
THS7360 TI-THS7360_1 Datasheet
967Kb / 43P
6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Fiters and High Gain
THS7373 TI-THS7373_10 Datasheet
1Mb / 50P
4-Channel Video Amplifier with 1-SD and 3-HD Sixth-Order Filters and 6-dB Gain
THS7364 TI-THS7364_10 Datasheet
1Mb / 47P
6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
THS7376 TI-THS7376 Datasheet
3Mb / 61P
4-Channel Video Amplifier with One SD and Three HD 8th-Order Filters with 6-dB Gain
THS7364 TI1-THS7364_14 Datasheet
1Mb / 49P
6-Channel Video Amplifier with 3 SD and 3 Full-HD Filters with 6-dB Gain
THS7368 TI1-THS7368_14 Datasheet
1,010Kb / 41P
6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
THS7376 TI1-THS7376_14 Datasheet
3Mb / 62P
4-Channel Video Amplifier with One SD and Three HD 8th-Order Filters with 6-dB Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com