Electronic Components Datasheet Search
  English  ▼

X  

THS7368IPWR Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # THS7368IPWR
Description  6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7368IPWR Datasheet(HTML) 23 Page - Texas Instruments

Back Button THS7368IPWR Datasheet HTML 19Page - Texas Instruments THS7368IPWR Datasheet HTML 20Page - Texas Instruments THS7368IPWR Datasheet HTML 21Page - Texas Instruments THS7368IPWR Datasheet HTML 22Page - Texas Instruments THS7368IPWR Datasheet HTML 23Page - Texas Instruments THS7368IPWR Datasheet HTML 24Page - Texas Instruments THS7368IPWR Datasheet HTML 25Page - Texas Instruments THS7368IPWR Datasheet HTML 26Page - Texas Instruments THS7368IPWR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
Level
Shift
Internal
Circuitry
+V
S
800kW
Input
Pin
Input
0.1 mF
g
m
+V
S
STCLPF
THS7368
www.ti.com
SBOS497 – DECEMBER 2009
INPUT MODE OF OPERATION: AC SYNC TIP
As a result of this delay, sync may have an apparent
CLAMP
voltage shift. The amount of shift depends on the
amount of droop in the signal as dictated by the input
Some video DACs or encoders are not referenced to
capacitor and the STC current flow. Because sync is
ground but rather to the positive power supply. The
used primarily for timing purposes with syncing
resulting video signals are generally at too great a
occurring on the edge of the sync signal, this shift is
voltage for a dc-coupled video buffer to function
transparent in most systems.
properly. To account for this scenario, the THS7368
incorporates a sync-tip clamp circuit. This function
requires a capacitor (nominally 0.1
μF) to be in series
with the input. Although the term sync-tip-clamp is
used throughout this document, it should be noted
that the THS7368 would probably be better termed as
a dc restoration circuit based on how this function is
performed. This circuit is an active clamp circuit and
not a passive diode clamp function.
The input to the THS7368 has an internal control loop
that sets the lowest input applied voltage to clamp at
ground (0 V). By setting the reference at 0 V, the
THS7368 allows a dc-coupled input to also function.
Therefore, the sync-tip-clamp (STC) is considered
Figure 39. Equivalent AC Sync-Tip-Clamp Input
Circuit
transparent because it does not operate unless the
input signal goes below ground. The signal then goes
through the same 150-mV level shifter, resulting in an
While this feature may not fully eliminate overshoot
output voltage low level of 300 mV. If the input signal
issues on the input signal, in cases of extreme
tries to go below 0 V, the THS7368 internal control
overshoot and/or ringing, the STC system should help
loop sources up to 6 mA of current to increase the
minimize improper clamping levels. As an additional
input voltage level on the THS7368 input side of the
method to help minimize this issue, an external
coupling capacitor. As soon as the voltage goes
capacitor (for example, 10 pF to 47 pF) to ground in
above the 0-V level, the loop stops sourcing current
parallel with the external termination resistors can
and becomes very high impedance.
help filter overshoot problems.
One of the concerns about the sync-tip-clamp level is
It should be noted that this STC system is dynamic
how the clamp reacts to a sync edge that has
and does not rely upon timing in any way. It only
overshoot—common in VCR signals, noise, DAC
depends on the voltage that appears at the input pin
overshoot, or reflections found in poor printed circuit
at any given point in time. The STC filtering helps
board (PCB) layouts. Ideally, the STC should not
minimize
level
shift
problems
associated
with
react to the overshoot voltage of the input signal.
switching noises or very short spikes on the signal
Otherwise, this response could result in clipping on
line. This architecture helps ensure a very robust
the rest of the video signal because it may raise the
STC system.
bias voltage too much.
When the ac STC operation is used, there must also
To help minimize this input signal overshoot problem,
be some finite amount of discharge bias current. As
the control loop in the THS7368 has an internal
previously described, if the input signal goes below
low-pass filter, as shown in Figure 39. This filter
the 0-V clamp level, the internal loop of the THS7368
reduces the response time of the STC circuit. This
sources current to increase the voltage appearing at
delay is a function of how far the voltage is below
the input pin. As the difference between the signal
ground, but in general it is approximately a 400-ns
level and the 0-V reference level increases, the
delay for the SD channel filters and approximately a
amount
of
source
current
increases
150-ns delay for the SF filters. The effect of this filter
proportionally—supplying up to 6 mA of current.
is to slow down the response of the control loop so as
Thus, the time to re-establish the proper STC voltage
not to clamp on the input overshoot voltage but rather
can be very fast. If the difference is very small, then
the flat portion of the sync signal.
the source current is also very small to account for
minor voltage droop.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): THS7368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com