Electronic Components Datasheet Search
  English  ▼

X  

THS7368IPWR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # THS7368IPWR
Description  6-Channel Video Amplifier with 3-SD and 3-SD/ED/HD/Full-HD Filters and 6-dB Gain
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7368IPWR Datasheet(HTML) 12 Page - Texas Instruments

Back Button THS7368IPWR Datasheet HTML 8Page - Texas Instruments THS7368IPWR Datasheet HTML 9Page - Texas Instruments THS7368IPWR Datasheet HTML 10Page - Texas Instruments THS7368IPWR Datasheet HTML 11Page - Texas Instruments THS7368IPWR Datasheet HTML 12Page - Texas Instruments THS7368IPWR Datasheet HTML 13Page - Texas Instruments THS7368IPWR Datasheet HTML 14Page - Texas Instruments THS7368IPWR Datasheet HTML 15Page - Texas Instruments THS7368IPWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 39 page
background image
g
m
+V
S
800kW
Sync-TipClamp
(DCRestore)
SDChannel1
Input
(CVBS)
SDChannel1
Output
(CVBS)
LPF
6-Pole
9.5MHz
BypassSD
6dB
Level
Shift
g
m
+V
S
800kW
Sync-TipClamp
(DCRestore)
SDChannel2
Input
(S-VideoY)
SDChannel2
Output
(S-VideoY)
LPF
6-Pole
9.5MHz
BypassSD
6dB
Level
Shift
g
m
+V
S
800kW
Sync-TipClamp
(DCRestore)
SDChannel3
Input
(S-VideoC)
SDChannel3
Output
(S-VideoC)
BypassSD
DisableSD
BypassSF
DisableSF
LPF
6-Pole
9.5MHz
BypassSD
6dB
Level
Shift
g
m
+V
S
800kW
Sync-TipClamp
(DCRestore)
SD/ED/HD/Full-HD
Channel1 Input
(Y )
’
SD/ED/HD/Full-HD
Channel1Output
(Y )
’
LPF
6-Pole
9.5/18/36/72MHz
BypassSF
6dB
Level
Shift
g
m
+V
S
800kW
Sync-TipClamp
(DCRestore)
SD/ED/HD/Full-HD
Channel2Input
(P’ )
B
SD/ED/HD/Full-HD
Channel2Output
(P’ )
B
LPF
6-Pole
9.5/18/36/72MHz
BypassSF
6dB
Level
Shift
g
m
+V
S
800kW
Sync-TipClamp
(DCRestore)
SD/ED/HD/Full-HD
Channel3Input
(P’ )
R
SD/ED/HD/Full-HD
Channel3Output
(P’ )
R
LPF
6-Pole
9.5/18/36/72MHz
BypassSF
6dB
Level
Shift
+3Vto+5V
FilterSelection
THS7368
SBOS497 – DECEMBER 2009
www.ti.com
FUNCTIONAL BLOCK DIAGRAM
(1) SF indicates selectable filter.
12
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): THS7368



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com