Electronic Components Datasheet Search
  English  ▼

X  

AP230 Datasheet(PDF) 1 Page - RFHIC

Part # AP230
Description  MMIC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AP230 Datasheet(HTML) 1 Page - RFHIC

  AP230 Datasheet HTML 1Page - RFHIC AP230 Datasheet HTML 2Page - RFHIC AP230 Datasheet HTML 3Page - RFHIC AP230 Datasheet HTML 4Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
M
MM
MIIC
C
A
AP
P223300
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 6.0
Product Features
Applications
• Small size
• NO matching circuit needed
• High efficiency
• Dual supply voltage
• Higher linearity
• Higher productivity
• Lower manufacturing cost
• GaAs MMIC
• 3MHz – 2150MHz
• -63dBc CSO 135 Channels@ output Level +37dBmV
• -60dBc CTB 135 Channels@ output Level +37dBmV
• -70dBc CSO 8 Channels@ output Level +45dBmV
• -73dBc CTB 8 Channels@ output Level +45dBmV
• Satellite
• Repeater
• Base Station
• Converter
• CATV
• SMATV
Descriptions
The power amplifier is designed for base stations and repeater systems.
GaAs MMIC is used and attached on a copper carrier of 8 pin air cavity package with dual supply voltage
Operating Ranges
PARAMETER
UNIT
MIN
TYP
MAX
Device Voltage
VDC
+5
+5.3
Case Temperature
℃
-40
-
+85
Absolute Minimum and Maximum Ratings
PARAMETER
UNIT
MIN
MAX
Device Voltage
VDC
+5.5
Device Current
mA
+320
RF Input Power
dBm
+10
Storage Temperature
℃
-40
+150
Specifications
T=25℃, Vcc=5.0V, 75Ω system
Units
M inimum
Typical
Max imum
C ondition
MHz
3MHz~2.15GHz
V5
Vcc= 5V
m A
20 0
2 20
2 50
dB
1 6
3M Hz
dB
1 5
50M Hz
dB
1 4
215 0M Hz
dB
-16
dB
-16
5.5
dB m
4 3
+5 dBm /2 to ne separated by 1M Hz
dB m
2 1
At 100M Hz
dB
-11
dB
-11
dB m
3 7
+5 dBm /2 to ne separated by 1M Hz
dB m
2 1
At 800M Hz
dB
4
C SO
dB c
-63
13 5 chann els ,+ 37 dB mV/ch,Single
C TB
dB c
-60
13 5 chann els ,+ 37 dB mV/ch,Single
XM D
dB c
-55
13 5 chann els ,+ 37 dB mV/ch,Single
CSO
dBc
-70
8 channels,+45d Bm V/ch,Sin gle
CTB
dB c
-73
8 channels,+45d Bm V/ch,Sin gle
XM D
dB c
-70
8 channels,+45d Bm V/ch,Sin gle
S11-Inpu t Retu rn Los s
S22-Output R eturn Loss
OIP3
Noise Figure
Reverse ( 3 ~ 200M Hz )
Forward ( 50 ~ 870M Hz )
50 - 870M Hz
3 - 150M Hz
Noise Figure
S11-Inpu t Retu rn Los s
S22-Output R eturn Loss
OIP3
OIP1
OIP1
Parame ter
Frequency R an ge
Sup ply Vo ltage
Single Ended CATV Evaluation Circui t
Cu rrent
S21 -Gain
S21 -Gain
S21 -Gain
Package : SOIC-8


Similar Part No. - AP230

ManufacturerPart #DatasheetDescription
logo
A POWER MICROELECTRONIC...
AP2300AI APME-AP2300AI Datasheet
774Kb / 7P
20V N-Channel Enhancement Mode MOSFET
AP2300BI APME-AP2300BI Datasheet
1Mb / 7P
20V N-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
AP2300GN-HF VBSEMI-AP2300GN-HF Datasheet
1Mb / 9P
N-Channel 20 V (D-S) MOSFET
logo
BCD Semiconductor Manuf...
AP2301 BCDSEMI-AP2301 Datasheet
160Kb / 12P
1.5A DDR TERMINATION REGULATOR
logo
RFHIC
AP2301 RFHIC-AP2301 Datasheet
347Kb / 5P
MMIC
More results

Similar Description - AP230

ManufacturerPart #DatasheetDescription
logo
RFHIC
AP112 RFHIC-AP112 Datasheet
301Kb / 5P
MMIC
AP410 RFHIC-AP410 Datasheet
421Kb / 7P
MMIC
AP205A RFHIC-AP205A Datasheet
274Kb / 7P
MMIC
AP209 RFHIC-AP209 Datasheet
288Kb / 10P
MMIC
AP245 RFHIC-AP245 Datasheet
302Kb / 5P
MMIC
AP211 RFHIC-AP211 Datasheet
303Kb / 5P
MMIC
AP222 RFHIC-AP222 Datasheet
292Kb / 5P
MMIC
AP230SO8 RFHIC-AP230SO8 Datasheet
279Kb / 4P
MMIC
AP2221 RFHIC-AP2221 Datasheet
255Kb / 7P
MMIC
logo
ON Semiconductor
SMA3107 ONSEMI-SMA3107 Datasheet
607Kb / 7P
MMIC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com