Electronic Components Datasheet Search
  English  ▼

X  

AP230 Datasheet(PDF) 2 Page - RFHIC

Part # AP230
Description  MMIC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AP230 Datasheet(HTML) 2 Page - RFHIC

  AP230 Datasheet HTML 1Page - RFHIC AP230 Datasheet HTML 2Page - RFHIC AP230 Datasheet HTML 3Page - RFHIC AP230 Datasheet HTML 4Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
M
MM
MIIC
C
A
AP
P223300
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 6.0
10nF
10nF
1.8nH
10nF
10nF
10nF
100nF
10nF
1nF
560nH
1nF
560nH
RF IN
RF OUT
4.7uF/16V
Vcc
Vcc
4.7uF/16V
AP230
L1
D32212
100nF
0.5pF
Application 1 : Forward (50MHz ~ 2150MHz)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.0
2.2
-25
-20
-15
-10
-5
0
5
10
15
-30
20
Frequency(GHz)
2.5
3
3.5
4
4.5
5
5.5
6
50
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
Frequency(MHz)
0
5
10
15
20
25
50
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
Frequency(MHz)
0
5
10
15
20
25
30
35
40
45
50
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
Frequency(MHz)
Level: +37dBmV
Tilt: 135CH FLAT
FRQ
XMD(NCTA)
CTB_RAW
CTB_COR
N-FLR
CSU_RAW
CSU_COR
CSU_FRQ
CSL_RAW
CSL_COR
CSL_FRQ
55.25
59.8
69.4
69.5
84.7
83.8
88.1
56
68.7
68.8
54
77.25
59.9
68.7
68.8
85.1
69.3
69.5
78
84.5
88.8
76.51
109.25
60.1
66.4
66.4
84.9
82.9
87.2
109.99
69.1
69.2
107.99
211.25
60.4
66.2
66.2
83.8
80.9
83.9
212.49
68.7
68.8
209.99
331.25
60.4
65.6
65.6
82.7
76.9
78.2
332.49
69.3
69.5
329.99
445.25
61.2
66.2
66.2
83.4
76.5
77.6
446.5
71.7
72
443.99
547.25
62.9
66.7
66.8
81.7
74.8
75.7
548.5
72.5
73
545.98
637.25
63.4
66.2
66.3
82.3
75.4
76.5
638.5
75.2
76.2
635.99
745.25
64.5
65.5
65.6
81.4
73.4
74.2
746.49
76.1
77.5
743.98
859.25
64.8
65.1
65.3
80.3
72
72.8
860.49
75.8
78
857.99
P1dB
OIP3
Evaluation Board Layout 50-870MHz
S-Parameters
The transformers L1 and L2, used on the RFHIC evaluation board are hand wound
baluns with following spec[L1=3.5turn, ferrite core (Ferronics 12-340-k), L2=3.5 turn,
ferrite core(TDK,L6 RID 3*3*3 H1.2)] was used.
φ0.12 1UEW wire was used. An
SMT transformer (D32212,D31766), can also be used.
Noise Figure
S21
S11
S22



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com