Electronic Components Datasheet Search
  English  ▼

X  

AP230 Datasheet(PDF) 3 Page - RFHIC

Part # AP230
Description  MMIC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AP230 Datasheet(HTML) 3 Page - RFHIC

  AP230 Datasheet HTML 1Page - RFHIC AP230 Datasheet HTML 2Page - RFHIC AP230 Datasheet HTML 3Page - RFHIC AP230 Datasheet HTML 4Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
M
MM
MIIC
C
A
AP
P223300
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 6.0
15
20
25
30
35
40
45
50
5
50
100
150
200
250
Frequency(MHz)
Application 2 : Reverse (3MHz ~ 200MHz)
-30
-20
-10
0
10
20
30
0
30
60
90
120
150
180
210
240
270
300
Frequency(MHz)
S22
5
S11
S21
3
4
5
6
7
8
5
50
100
150
200
250
Frequency(MHz)
0
5
10
15
20
25
5
50
100
150
200
250
Frequency(MHz)
S-Parameters
Noise Figure
P1dB
OIP3
Level: +45dBmV
Tilt: 8CH FLAT
FRQ
XMD(NCTA)
CTB_RAW
CTB_COR
N-FLR
CSU_RAW
CSU_COR
CSU_FRQ
CSL_RAW
CSL_COR
CSL_FRQ
7
72.2
79.9
80.1
93.6
92.4
96.7
7.63
71.7
71.7
5.99
31
72.8
78.6
78.8
92.1
78.1
78.4
32
76.6
76.8
29.99
49
72.1
79.8
80.1
91.8
78.2
78.4
49.99
90.5
94.8
48.31
Evaluation Board Layout 5-200MHz
The transformers L1 and L2, used on the RFHIC evaluation board are hand wound
baluns with following spec[L1=6 turn, ferrite core (TAIYO-YUDEN BF56
1.9*3.4*2.0), L2=3.5 turn, ferrite core(TDK,L6 RID 3*3*3 H1.2)] was used.
φ0.12
1UEW wire was used. An SMT transformer (D31044,D31766), can also be used.
AP230
100pF
7.5pF
10 ohm
RF IN
1uF
22nF
22nF
R0
3.3uF
4.7uH
1nF
100pF
4.7uH
1nF
100pF
Vcc
4.7uF/16V
3.3uF
RF OUT
1uF
D31250
4.7uF/16V
Vcc



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com