Electronic Components Datasheet Search
  English  ▼

X  

FLI7510 Datasheet(PDF) 1 Page - STMicroelectronics

Part # FLI7510
Description  Worldwide H.264/MPEG decoder Faroudja video processing iDTV SoC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLI7510 Datasheet(HTML) 1 Page - STMicroelectronics

  FLI7510 Datasheet HTML 1Page - STMicroelectronics FLI7510 Datasheet HTML 2Page - STMicroelectronics FLI7510 Datasheet HTML 3Page - STMicroelectronics FLI7510 Datasheet HTML 4Page - STMicroelectronics FLI7510 Datasheet HTML 5Page - STMicroelectronics FLI7510 Datasheet HTML 6Page - STMicroelectronics FLI7510 Datasheet HTML 7Page - STMicroelectronics FLI7510 Datasheet HTML 8Page - STMicroelectronics FLI7510 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
December 2009
Doc ID 16234 Rev 1
1/9
9
FLI7510
Worldwide H.264/MPEG decoder + Faroudja video processing
iDTV SoC
Features
■ ST231 @ 450 MHz for advanced high definition
video decoding (H.264/VC-1/MPEG2/…) =>
Worldwide Digital Terrestrial Television (DTT)
broadcast video standards compatibility
■ Dual ST231 @ 450 MHz for advanced multi-
channel audio decoding (MPEG-1/2, MP3,
WMA, Dolby® Digital/Dolby Digital+,
AAC/AAC+/…) => Worldwide DTT broadcast
audio standards compatibility
■ Dual ST40 CPU @ 450 MHz (delivers 1700+
DMIPS) runs Linux and OS21 => One CPU
fully dedicated to application and user interface
■ Faroudja® video processing for Main Video =>
Vivid picture quality for the consumer
■ 14-bit Advanced Color Management (3D) and
Contrast processing => Ultimate video quality
for OEMs and consumers
■ Award-winning DCDi, MADi technologies =>
Crystal-clear rendering on 1080p displays
■ Worldwide analog audio demodulator
■ Two physical graphics planes at up to 1080p /
32 bpp => Enables rich, easy-to-use user I/Fs
■ Extensive analog A/V and digital HDMI (x3)
inputs => End-user convenience for legacy and
future content source boxes
■ DVR support on Flash/HDD => Integration into
DTV results in convenience and ease-of-use
■ Extensive connectivity (USB host controller
and Ethernet MAC) => Play back content from
anywhere in home or from Internet
■ Advanced security with trusted ST40 CPU and
DRM support including HDCP, AES/3DES,
CI/CI+ and DTCP-IP => Protects IP & content
■ 2 x 16 bits DDR2/DDR3 1066 Mbps DRAM I/F
=> Performance and flexibility with DRAM ICs
■ Dual high-speed 10-bit LVDS outputs =>
Convenient connectivity to panel TCON
■ Board Support Package (BSP) API accelerates
time to market
Applications
■ Connected, high-performance, and
mainstream iDTVs
■ Multi-region, single footprint for
DVB/ATSC/DTMB/ISDB
S/PDIF
Audio: 1xSIF
2xADC
5x
L/R
in
1x
SIF
in
TS x2
Tuner
TS
in/out
CI/Mcard
DVB-CI,
DVB-CI+
MCARD
MII/RMII
I2S
out
3.1
USB 2.0
ULPI
HDMI 1 HDMI 2 HDMI 3
HP
out
Compositor
ST-Bus INTERCONNECT
USB 2.0
PHY
Ethernet
10/100
MAC
EMI
NAND Flash
Serial Flash
ST40-300
450 MHz
Linux
UARTs x3
+ Smart
Card +
SPI
SSC x3
(I2C)
IR
Rx
GP
ADC
x1
GP I/O
PWM x4
FDMA
Audio
PCM/SPDIF
Players/Readers
Analog Audio
WW Demod
Audio: x1 SIF
ADC, x1 ADC 18 bit,
x6 DAC 24 bit
Analog Video Decoder
with
3DComb
MPEG-2/H.264/
VC1/DiVX/AVS
Video Decoder
Transport
Front-End
Transport
Stream
Demux
Video Denc
ST Clock
Generator
ST40-300
450 MHz
OS21
HDMI Rx
w/ HDCP
Macro
block to
Raster
VDAC x2
AFE with 21 inputs,
3 outputs, x4 ADC
Compositor
Main
GDP 1 & 2
Main Video Processing
RCLKForm
ClockGen
HDMI
Audio
Up sampler
21 Analog
Video Inputs
Video / GFX
LVDS Out
Double Wide
Gamma
HDMI1.3
3:1 Mux Phy
2D GFX
Blitter
Aux
I2S
VCR/AUX Scaler
SD/MMC
Card
Reader
SD Card
GDP3
Security
System
USB 2.0
Host Ctrl
Video Input Select Mux
Y/C + / CVBS
Analog Video Out
3x
L/R
out
Audio DSP
ST231
450 MHz
Audio DSP
ST231
450 MHz
8
DDR2/3
CTL 16 bit
DDR2/3
1066 Mbps
512 Mb-2 Gb
DDR2/3
CTL 16 bit
DDR2/3
1066 Mbps
512 Mb-2 Gb
16
16
www.st.com


Similar Part No. - FLI7510

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FLI2300 ETC-FLI2300 Datasheet
96Kb / 2P
DIGITAL VIDEO FORMAT CONVERTER
FLI2301 ETC-FLI2301 Datasheet
104Kb / 2P
Digital Video Format Converter
FLI2310 ETC-FLI2310 Datasheet
95Kb / 2P
Digital Video Format Converter Product Brief
logo
STMicroelectronics
FLI30336-AC STMICROELECTRONICS-FLI30336-AC Datasheet
125Kb / 7P
Single-chip enhanced LCD TV controller
03-Nov-2008
FLI30502-AC STMICROELECTRONICS-FLI30502-AC Datasheet
199Kb / 7P
Single-chip analog TV processor
08-Sep-2008
More results

Similar Description - FLI7510

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STI3520ACV STMICROELECTRONICS-STI3520ACV Datasheet
1Mb / 15P
MPEG AUDIO / MPEG 2 VIDEO INTEGRATED DECODER
logo
Cirrus Logic
CS92210 CIRRUS-CS92210 Datasheet
50Kb / 2P
MPEG-2 VIDEO Encoder/Decoder
logo
STMicroelectronics
STD2000 STMICROELECTRONICS-STD2000 Datasheet
262Kb / 11P
Single-Chip Worldwide iDTV Processor
01-Mar-2005
logo
Sony Corporation
CXD1930Q SONY-CXD1930Q Datasheet
42Kb / 4P
MPEG Video Decoder
logo
Synaptics Incorporated.
CX2418X CONEXANT-CX2418X Datasheet
636Kb / 2P
MPEG-4 AVC/H.264 Video Decoder
CX2427X CONEXANT-CX2427X Datasheet
261Kb / 2P
Dual Decode HDTV MPEG-2/H.264/VC-1 Video Decoder
CX24500 CONEXANT-CX24500 Datasheet
313Kb / 4P
HDTV MPEG-2/H.264/VC-1 Video Decoder with PVR Support
CX24501 CONEXANT-CX24501 Datasheet
304Kb / 4P
HDTV MPEG-2/H.264/VC-1 Video Decoder
logo
STMicroelectronics
STI1010 STMICROELECTRONICS-STI1010 Datasheet
134Kb / 5P
Single-chip worldwide iDTV processor
18-Dec-2007
logo
Advantech Co., Ltd.
DVP-7030E ADVANTECH-DVP-7030E Datasheet
675Kb / 2P
4-ch H.264/MPEG-4 PCI Video Capture Card with SDK
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com