Electronic Components Datasheet Search
  English  ▼

X  

FLI7510 Datasheet(PDF) 3 Page - STMicroelectronics

Part # FLI7510
Description  Worldwide H.264/MPEG decoder Faroudja video processing iDTV SoC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLI7510 Datasheet(HTML) 3 Page - STMicroelectronics

  FLI7510 Datasheet HTML 1Page - STMicroelectronics FLI7510 Datasheet HTML 2Page - STMicroelectronics FLI7510 Datasheet HTML 3Page - STMicroelectronics FLI7510 Datasheet HTML 4Page - STMicroelectronics FLI7510 Datasheet HTML 5Page - STMicroelectronics FLI7510 Datasheet HTML 6Page - STMicroelectronics FLI7510 Datasheet HTML 7Page - STMicroelectronics FLI7510 Datasheet HTML 8Page - STMicroelectronics FLI7510 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
FLI7510
Main features
Doc ID 16234 Rev 1
3/9
2
Main features
The FLI7510 is a new, advanced decoding SoC targeted at next generation iDTVs (DTT, as
well as with combinations of cable/satellite/IPTV). It integrates in a single IC, multi-stream
transport demux, CPU, multi-format audio/video decode, Faroudja video processing,
graphics and display, advanced security, peripherals, audio/video ADCs/DACs, Digital A/V
inputs/outputs, 3x HDMI switch, dual USB ports, Ethernet MAC, and glueless SD/MMC card
interface.
2.1
Audio/video decoding
●
Latest generation “Delta” Video Decoder with ST231 programmable CPU core:
–
MPEG2, H.264, VC-1, HD or SD
–
AVS SD decoding
–
DivX, XviD, H.263 decoding
●
Advanced de-blocking and de-ringing of decoded H.264/MPEG2 HD/SD sources
based on ST's Digital Source Enhancer (DSE) technology with 2D analysis window and
Texture Adaptive Filter
●
Dual ST231 @ 450 MHz for advanced multi-channel audio decoding (MPEG-1/2, MP3,
WMA, Dolby Digital/Dolby Digital+, AAC/AAC+). Concurrent audio description
decoding. Dolby Digital+ and AAC+ transcoding to Dolby Digital/DTS. In addition,
generous headroom remains for OEM post-processing algorithm implementation.
2.2
Graphics and display
●
Main video display pipelines: high-quality H & V reformatting/resizing with sample rate
conversion/filtering. Motion adaptive spatial and temporal de-interlacing for 480p/576p
and 1080p60 progressive output
–
14-bit color/contrast processing
–
10-bit temporal/space noise reduction
–
DCDi diagonal processing
–
10-bit Motion Adaptive Deinterlacing (MADi)
–
10-bit arbitrary scaling, Sharpness (linear and non-linear)
●
Independent Main display compositions (Video/Graphics mixing)
●
Pass-through display for graphics, Main video output concurrently with Main
compositions (VCRO)
●
Two physical graphics planes at up to 1080p/32 bpp resolution for Main display
composition, plus a dedicated graphics plane for SD monitor/TV output
●
Link list based 2D graphics blitter. Up to 200 Mpixels/sec with destination alpha
blending. Capable of 3D-like user interface effects.
●
HD display capture and down-conversion for concurrent HD and SD output of the main
composition



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com