Electronic Components Datasheet Search
  English  ▼

X  

FLI7510 Datasheet(PDF) 4 Page - STMicroelectronics

Part # FLI7510
Description  Worldwide H.264/MPEG decoder Faroudja video processing iDTV SoC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLI7510 Datasheet(HTML) 4 Page - STMicroelectronics

  FLI7510 Datasheet HTML 1Page - STMicroelectronics FLI7510 Datasheet HTML 2Page - STMicroelectronics FLI7510 Datasheet HTML 3Page - STMicroelectronics FLI7510 Datasheet HTML 4Page - STMicroelectronics FLI7510 Datasheet HTML 5Page - STMicroelectronics FLI7510 Datasheet HTML 6Page - STMicroelectronics FLI7510 Datasheet HTML 7Page - STMicroelectronics FLI7510 Datasheet HTML 8Page - STMicroelectronics FLI7510 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Main features
FLI7510
4/9
Doc ID 16234 Rev 1
2.3
Audio/video interfaces
●
3-inputs of HDMI into a single receiver, with HDCP supporting HD and SD video
formats up to 1080p60 (222.75 MHz). HDMI receiver is compliant to v1.3a specification
and supports deep color formats, enhanced colorimetry (xvYCC and gamut metadata
reception). Supports audio reception in HDMI layout 0 and HDMI layout 1 formats.
●
PAL/NTSC/SECAM analog video decoder
●
Macrovision™ and Dwight Cavendish copy protection support
●
PAL/NTSC/SECAM digital video encoder
●
Two 10-bit DACs for S-Video/composite analog video output (SD formats up to 480i)
●
Integrated 2-ch, 16-bit audio ADC
●
Integrated 6-ch, 24-bit Audio DACs
●
3.1-channel Audio PCM Output Interface
●
SPDIF input and output
●
SCART input and output
2.4
Transport
●
Dual transport stream inputs
●
Multi-stream transport stream de-multiplexing, dual-tuner DVR, watch/record capable
●
Glueless interface to DVB-CI/DVB-CI+/MCARD modules
2.5
Processors and memory
●
High-performance dual ST40 CPUs for applications and real-time control
–
ST40@450 MHz, dual-issue, applications CPU, 32KI, 32KD caches deliver > 800
DMIPs
●
2 x 16-bit DDR2/DDR3 Local Memory Interface (LMI), up to 1066 Mbps
●
Support for NAND Flash and Quad Speed Serial Flash
●
Dual multi-channel, flexible DMA controllers
2.6
Connectivity
●
USB 2.0 host interface, with one PHY
●
Integrated 10/100 Ethernet MAC/MII/RMII
●
SD/MMC card interface
2.7
DVR
●
DVR support, with HDD attachment through USB or Flash drive
●
DVB/3DES/AES/Multi-2/ARC4 descrambling and support for Hash functions



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com