Electronic Components Datasheet Search
  English  ▼

X  

AP2301 Datasheet(PDF) 2 Page - RFHIC

Part # AP2301
Description  MMIC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AP2301 Datasheet(HTML) 2 Page - RFHIC

  AP2301 Datasheet HTML 1Page - RFHIC AP2301 Datasheet HTML 2Page - RFHIC AP2301 Datasheet HTML 3Page - RFHIC AP2301 Datasheet HTML 4Page - RFHIC AP2301 Datasheet HTML 5Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
M
MM
MIIC
C
A
AP
P22330011 ((OOlldd ppaarrtt##:: AAPP223300SS1122))
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 2.0
15
20
25
30
35
40
45
50
5
50
100
150
200
250
Frequency(MHz)
Application Circuit: 3MHz ~ 200MHz
-30
-20
-10
0
10
20
30
0
30
60
90
120
150
180
210
240
270
300
Frequency(MHz)
S22
5
S11
S21
3
4
5
6
7
8
5
50
100
150
200
250
Frequency(MHz)
0
5
10
15
20
25
5
50
100
150
200
250
Frequency(MHz)
S-Parameters
Noise Figure
P1dB
OIP3
Level: +45dBmV
Tilt: 8CH FLAT
FRQ
XMD(NCTA)
CTB_RAW
CTB_COR
N-FLR
CSU_RAW
CSU_COR
CSU_FRQ
CSL_RAW
CSL_COR
CSL_FRQ
7
72.2
79.9
80.1
93.6
92.4
96.7
7.63
71.7
71.7
5.99
31
72.8
78.6
78.8
92.1
78.1
78.4
32
76.6
76.8
29.99
49
72.1
79.8
80.1
91.8
78.2
78.4
49.99
90.5
94.8
48.31



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com