Electronic Components Datasheet Search
  English  ▼

X  

AP2301 Datasheet(PDF) 5 Page - RFHIC

Part # AP2301
Description  MMIC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AP2301 Datasheet(HTML) 5 Page - RFHIC

  AP2301 Datasheet HTML 1Page - RFHIC AP2301 Datasheet HTML 2Page - RFHIC AP2301 Datasheet HTML 3Page - RFHIC AP2301 Datasheet HTML 4Page - RFHIC AP2301 Datasheet HTML 5Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
M
MM
MIIC
C
A
AP
P22330011 ((OOlldd ppaarrtt##:: AAPP223300SS1122))
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 2.0
AMP2
AMP1
7
10
3
12
1
4
For a safe use in all situations, it is recommended to have proper ESD control techniques while the device is being handled. Here are some
recommended precautions;
- Person at a workbench should be earthed via a wrist strap and a resistor.
- All mains-powered equipment should be connected to the mains via an earth-leakage switch.
- Equipment cases should be grounded.
- Relative humidity should be maintained between 40% and 50%.
- An ionizer is recommended.
- Keep static materials, such as plastic envelopes and plastic trays etc. away from the workbench
Dimension : PMBG-SQFP-12
ESD PROTECTION
Function
Pin No.
Input
7, 9
Output , Bias
1, 3
Ground
2,4, 5, 6,8, 10, 11, 12
Backside Copper
(SQ.)
(SQ.)
7
10
E
No.
D
B
A
C
G
0.069
0.2
0.03
0.015
INCH
0.246
0.2
0.282
1.75
0.51
0.76
0.38
F
6.25
5.08
7.16
MM
3
12
1
4
3
1
K
J
0.14
0.32
0.83
0.36
0.8
2.1
M
H
0.4
1.02
4
(SQ.)
C
1.02
J
K
M
H
G
F
E
F
B
A
D
Block Diagram
Land Pattern
Outline Drawing
RFHIC Corporation (RFHIC) reserves the right to make changes to any products herein or to discontinue any product at any time without notice. RFHIC do not
assume any liability for the suitability of its products for any particular purpose, and disclaims any and all liability, including without limitation consequential or
incidental damages. The product specifications herein expressed have been carefully checked and are assumed to be reliable. However, RFHIC disclaims liability for
inaccuracies and strongly recommends buyers to verify that the information they are using is current before placing purchase orders. RFHIC products are not
intended for use in life support equipment or application where malfunction of the product can be expected to result in personal injury or death. Buyer uses or sells
such products for any such unintended or unauthorized application, buyer shall indemnify, protect and hold RFHIC and its directors, officers, stockholders,
employees, representatives and distributors harmless against any and all claims arising out of such use. RFHIC’s liability under or arising out of damages, claims of
whatsoever kind and nature which RFHIC products could cause shall be limited in amount to the net purchase price of the products sold to buyer by RFHIC
.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com