Electronic Components Datasheet Search
  English  ▼

X  

AP2301 Datasheet(PDF) 4 Page - RFHIC

Part # AP2301
Description  MMIC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFHIC [RFHIC]
Direct Link  http://www.rfhic.com
Logo RFHIC - RFHIC

AP2301 Datasheet(HTML) 4 Page - RFHIC

  AP2301 Datasheet HTML 1Page - RFHIC AP2301 Datasheet HTML 2Page - RFHIC AP2301 Datasheet HTML 3Page - RFHIC AP2301 Datasheet HTML 4Page - RFHIC AP2301 Datasheet HTML 5Page - RFHIC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
M
MM
MIIC
C
A
AP
P22330011 ((OOlldd ppaarrtt##:: AAPP223300SS1122))
▪ Tel : 82-31-250-5011
▪ All specifications may change without notice.
▪ rfsales@rfhic.com
▪ Version 2.0
Multi-Tone Test 135ch@+30dBmV (Vcc +5V)
Level: +30dBm
Tilt: FLAT_CH135
FRQ
XMD(NCTA)
CTB_RAW
CTB_COR
N-FLR
CSU_RAW
CSU_COR
CSU_FRQ
CSL_RAW
CSL_COR
CSL_FRQ
55.25
74.2
75.5
79.8
76.9
76.6
80.9
55.93
76
80.3
54
77.25
75
76.1
80.4
77.1
76.1
80.4
77.99
76.9
81.2
76.25
109.25
74.9
76.1
80.4
77.6
77.5
81.8
109.96
77.1
81.4
107.99
211.25
74.8
76.1
80.4
77.7
77.4
81.8
212.31
77.1
81.4
209.99
331.25
75.7
74.9
79.2
76.3
76
80.4
331.88
75.9
80.2
329.98
445.25
76.3
75.6
79.9
77
76.7
81.1
446.48
76.6
81
443.98
547.25
77.7
74.3
78.7
75.3
74.9
79.2
548.42
74.9
79.2
545.99
637.25
77.4
74.5
78.8
75.8
75
79.3
638.49
75.4
79.7
635.99
745.25
77.4
73.9
78.3
75.2
74.2
78.6
746.48
74.8
79.2
743.92
859.25
77.8
72.6
76.9
73.6
72.6
77
860.48
73.2
77.5
858.49
Min
74.2
72.6
76.9
73.6
72.6
77
55.93
73.2
77.5
54
Max
77.8
76.1
80.4
77.7
77.5
81.8
860.48
77.1
81.4
858.49
Multi-Tone Test 135ch@+37dBmV (Vcc +5V)
Level: +37dBmV
Tilt: 135CH FLAT
FRQ
XMD(NCTA)
CTB_RAW
CTB_COR
N-FLR
CSU_RAW
CSU_COR
CSU_FRQ
CSL_RAW
CSL_COR
CSL_FRQ
55.25
60.4
66.7
66.9
82.9
80.2
83.2
55.99
67.4
67.5
53.99
77.25
60.9
68.3
68.4
83.2
68.5
68.7
78
82.9
87.2
76.22
109.25
61
66.4
66.4
84.1
80.3
82.9
110
70.4
70.6
108
211.25
60.4
66.9
67
83.6
76.1
77
212.5
71.5
71.8
209.99
331.25
61.6
65.7
65.7
82.5
73.3
73.9
332.5
72.3
72.8
329.99
445.25
61.5
66.2
66.3
82.9
73.2
73.7
446.49
73.8
74.4
443.99
547.25
62.7
66.3
66.4
81.4
72.4
73
548.5
74.1
75.1
545.99
637.25
62.5
66.1
66.3
81.6
73.2
73.9
638.49
75.9
77.2
635.98
745.25
62.8
66.6
66.8
81.5
73.9
74.7
746.5
78.1
80.6
743.99
859.25
63.3
67
67.2
79.7
74.4
76.1
860.49
78.8
83.1
858.49
Min
60.4
65.7
65.7
79.7
68.5
68.7
55.99
67.4
67.5
53.99
Max
63.3
68.3
68.4
84.1
80.3
83.2
860.49
82.9
87.2
858.49



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com