Electronic Components Datasheet Search
  English  ▼

X  

AD7170 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7170
Description  12-Bit Low Power Sigma-Delta ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7170 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7170 Datasheet HTML 5Page - Analog Devices AD7170 Datasheet HTML 6Page - Analog Devices AD7170 Datasheet HTML 7Page - Analog Devices AD7170 Datasheet HTML 8Page - Analog Devices AD7170 Datasheet HTML 9Page - Analog Devices AD7170 Datasheet HTML 10Page - Analog Devices AD7170 Datasheet HTML 11Page - Analog Devices AD7170 Datasheet HTML 12Page - Analog Devices AD7170 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD7170
Rev. 0 | Page 9 of 16
OUTPUT NOISE AND RESOLUTION SPECIFICATIONS
Table 6 shows the rms noise of the AD7170. The numbers given
are for a 5 V and a 3 V reference. These numbers are typical and
are generated with a differential input voltage of 0 V. The
corresponding p-p resolution is also listed, along with the
effective resolution (ENOB). It is important to note that the
effective resolution is calculated using the rms noise, whereas
the p-p resolution is based on the p-p noise. The p-p resolution
represents the resolution for which there is no code flicker.
These numbers are typical.
The effective number of bits (ENOB) is defined as
ENOB = ln (FSR/RMS noise)/ln(2)
The noise-free bits, or p-p resolution, are defined as
Noise-Free Bits = ln (FSR/Peak-to-Peak Noise)/ln(2)
where FSR is the full-scale range and is equal to 2 × VREF/gain.
Table 6. RMS Noise and Resolution of the AD7170
VREF = VDD
RMS Noise
P-P Noise
P-P
Resolution
ENOB
5 V
11.5 μV
76 μV
12 bits
12 bits
3 V
6.9 μV
45 μV
12 bits
12 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com