Electronic Components Datasheet Search
  English  ▼

X  

AD7170 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7170
Description  12-Bit Low Power Sigma-Delta ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7170 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7170 Datasheet HTML 8Page - Analog Devices AD7170 Datasheet HTML 9Page - Analog Devices AD7170 Datasheet HTML 10Page - Analog Devices AD7170 Datasheet HTML 11Page - Analog Devices AD7170 Datasheet HTML 12Page - Analog Devices AD7170 Datasheet HTML 13Page - Analog Devices AD7170 Datasheet HTML 14Page - Analog Devices AD7170 Datasheet HTML 15Page - Analog Devices AD7170 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD7170
Rev. 0 | Page 13 of 16
APPLICATIONS INFORMATION
The AD7170 provides a low cost, high resolution analog-to-
digital function. Because the analog-to-digital function is
provided by a Σ-Δ architecture, the part is more immune to
noisy environments, making it ideal for use in sensor measure-
ment and industrial and process-control applications.
TEMPERATURE SYSTEM
Figure 13 shows the AD7170 used in a temperature measure-
ment system. The thermistor is connected in series with a
precision resistor, RREF, the precision resistor being used to
generate the reference voltage. The value of RREF is equal to the
maximum resistance produced by the thermistor. The complete
dynamic range of the ADC is then used, resulting in optimum
performance.
12-BIT Σ-Δ
ADC
AD7170
GND
VDD
INTERNAL
CLOCK
VDD
RREF
REFIN(+)
AIN(+)
AIN(–)
REFIN(–)
SCLK
DOUT/RDY
PDRST
Figure 13. Temperature System Using the AD7170
SIGNAL CONDITIONING CIRCUIT
Figure 14 shows the AD7170 used in a signal conditioning
circuit for a single-ended analog input. In a low side shunt
current monitor, a low resistance shunt resistor converts the
current to voltage. The resulting voltage is amplified and
applied to the AD7170.
AD7170
REFIN(+)
AIN(+)
AIN(–)
REFIN(–)
GND VDD
INTERNAL
CLOCK
SCLK
DOUT/RDY
AD5041
AD8631
1µF
ANALOG
INPUT
1kΩ
32kΩ
12-BIT
Σ-Δ ADC
Figure 14. Signal Conditioning Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com