Electronic Components Datasheet Search
  English  ▼

X  

AD7170 Datasheet(PDF) 14 Page - Analog Devices

Part # AD7170
Description  12-Bit Low Power Sigma-Delta ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7170 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD7170 Datasheet HTML 8Page - Analog Devices AD7170 Datasheet HTML 9Page - Analog Devices AD7170 Datasheet HTML 10Page - Analog Devices AD7170 Datasheet HTML 11Page - Analog Devices AD7170 Datasheet HTML 12Page - Analog Devices AD7170 Datasheet HTML 13Page - Analog Devices AD7170 Datasheet HTML 14Page - Analog Devices AD7170 Datasheet HTML 15Page - Analog Devices AD7170 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD7170
Rev. 0 | Page 14 of 16
OUTLINE DIMENSIONS
TOP VIEW
10
1
6
5
0.30
0.23
0.18
*EXPOSED
PAD
(BOTTOM VIEW)
PIN 1 INDEX
AREA
3.00
BSC SQ
SEATING
PLANE
0.80
0.75
0.70
0.20 REF
0.05 MAX
0.02 NOM
0.80 MAX
0.55 NOM
1.74
1.64
1.49
2.48
2.38
2.23
0.50 BSC
PIN 1
INDICATOR
(R 0.20)
0.50
0.40
0.30
*FOR PROPER CONNECTION OF THE EXPOSED PAD PLEASE REFER TO
THE PIN CONFIGURATION AND FUNCTION DESCRIPTIONS SECTION
OF THIS DATA SHEET.
Figure 15. 10-Lead Lead Frame Chip Scale Package [LFCSP_WD]
3 mm × 3 mm Body, Very Very Thin, Dual Lead
(CP-10-9)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature
Range
Package Description
Package Option
Branding
AD7170BCPZ- REEL71
–40°C to +105°C
10-Lead Lead Frame Chip Scale Package [LFCSP_WD]
CP-10-9
C6F
AD7170BCPZ-500RL71
–40°C to +105°C
10-Lead Lead Frame Chip Scale Package [LFCSP_WD]
CP-10-9
C6F
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com