Electronic Components Datasheet Search
  English  ▼

X  

AD5541AARMZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD5541AARMZ
Description  2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-/12-Bit nanoDACs in LFCSP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5541AARMZ Datasheet(HTML) 4 Page - Analog Devices

  AD5541AARMZ Datasheet HTML 1Page - Analog Devices AD5541AARMZ Datasheet HTML 2Page - Analog Devices AD5541AARMZ Datasheet HTML 3Page - Analog Devices AD5541AARMZ Datasheet HTML 4Page - Analog Devices AD5541AARMZ Datasheet HTML 5Page - Analog Devices AD5541AARMZ Datasheet HTML 6Page - Analog Devices AD5541AARMZ Datasheet HTML 7Page - Analog Devices AD5541AARMZ Datasheet HTML 8Page - Analog Devices AD5541AARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD5541A/AD5542A/AD5512A
Preliminary Technical Data
Rev. P
rA | Page 4 of 24
SPECIFICATIONS
VDD = 2.7 V to 5.5V, VREF = 2.5 V, AGND = DGND = 0 V. −40°C < TA < +105°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Condition
STATIC PERFORMANCE
AD5541A/AD5542A
Resolution
16
Bits
Relative Accuracy (INL)
±0.5
±1.0
LSB
L, C grades
±0.5
±2.0
LSB
B, J grades
±0.5
±4.0
LSB
A grade
Differential Nonlinearity (DNL)
±0.5
±1.0
LSB
Guaranteed monotonic
±1.5
LSB
J grade
AD5512A
Resolution
12
Bits
Relative Accuracy (INL)
±1.0
LSB
Differential Nonlinearity (DNL)
±1.0
LSB
Gain Error
−1.5
±5
LSB
TA = 25°C
±7
LSB
Gain Error Temperature Coefficient
±0.1
ppm/°C
Zero Code Error
0.3
±1
LSB
TA = 25°C
±2
LSB
Zero Code Temperature Coefficient
±0.05
ppm/°C
AD5542A/AD5512A
Bipolar Resistor Matching
1.000
Ω/Ω
RFB/RINV, typically RFB = RINV = 28 kΩ
±0.0015
TBD
%
Ratio error
Bipolar Zero Offset Error
±1
±5
LSB
TA = 25°C
±7
LSB
Bipolar Zero Temperature Coefficient
±0.2
ppm/°C
OUTPUT CHARACTERISTICS
Output Voltage Range
0
VREF − 1 LSB
V
Unipolar operation
−VREF
+VREF − 1 LSB
V
AD5542 bipolar operation
Output Voltage Settling Time
1
μs
To 1/2 LSB of FS, CL = 10 pF
Slew Rate
25
V/μs
CL = 10 pF, measured from 0% to 63%
Digital-to-Analog Glitch Impulse
0.5
nV-sec
1 LSB change around the major carry
Digital Feedthrough
0.2
nV-sec
All 1s loaded to DAC, VREF = 2.5 V
DAC Output Impedance
6.25
kΩ
Tolerance typically 20%
Power Supply Rejection Ratio
±1.0
LSB
∆VDD ± 10%
DAC REFERENCE INPUT
Reference Input Range
2.0
VDD
V
Reference Input Resistance1
9
kΩ
Unipolar operation
7.5
kΩ
AD5542, bipolar operation
LOGIC INPUTS
Input Current
±1
μA
Input Low Voltage, VINL
0.8
V
VDD = 2.7 V to 5.5 V
Input High Voltage, VINH
2.0
V
VDD = 4.5 V to 5.5 V
Input High Voltage, VINH
1.8
V
VDD = 2.7 V to 3.6 V
Input Capacitance2
10
pF
Hysteresis Voltage2
0.15
V
REFERENCE
Reference −3 dB Bandwidth
1.3
MHz
All 1s loaded
Reference Feedthrough
1
mV p-p
All 0s loaded, VREF = 1 V p-p at 100 kHz
THD
TBD
dB
Signal-to-Noise Ratio
92
dB
Reference Input Capacitance
75
pF
Code 0x0000
120
pF
Code 0xFFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com