Electronic Components Datasheet Search
  English  ▼

X  

AD5541AARMZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD5541AARMZ
Description  2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-/12-Bit nanoDACs in LFCSP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5541AARMZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5541AARMZ Datasheet HTML 15Page - Analog Devices AD5541AARMZ Datasheet HTML 16Page - Analog Devices AD5541AARMZ Datasheet HTML 17Page - Analog Devices AD5541AARMZ Datasheet HTML 18Page - Analog Devices AD5541AARMZ Datasheet HTML 19Page - Analog Devices AD5541AARMZ Datasheet HTML 20Page - Analog Devices AD5541AARMZ Datasheet HTML 21Page - Analog Devices AD5541AARMZ Datasheet HTML 22Page - Analog Devices AD5541AARMZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Rev. P
rA | Page 19 of 24
TOP VIEW
8
1
5
4
0.35
0.30
0.25
EXPOSED
PAD
(BOTTOM VIEW)
PIN 1 INDEX
AREA
3.00
BSC SQ
SEATING
PLANE
0.80
0.75
0.70
0.20 REF
0.05 MAX
0.02 NOM
0.80 MAX
0.55 NOM
1.74
1.64
1.49
2.48
2.38
2.23
0.50
0.40
0.30
0.65 BSC
PIN 1
INDICATOR
(R 0.2)
Figure 41. 8-Lead Lead Frame Chip Scale Package [LFCSP]
(CP-8-3)
Dimensions shown in millimeters.
16
9
8
1
PIN 1
SEATING
PLANE
8°
0°
4.50
4.40
4.30
6.40
BSC
5.10
5.00
4.90
0.65
BSC
0.15
0.05
1.20
MAX
0.20
0.09
0.75
0.60
0.45
0.30
0.19
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MO-153-AB
Figure 42. 16-Lead Thin Shrink Small Outline Package [TSSOP]
(RU-16)
Dimensions shown in millimeters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com