Electronic Components Datasheet Search
  English  ▼

X  

AD5541AARMZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD5541AARMZ
Description  2.7 V to 5.5 V, Serial-Input, Voltage-Output, 16-/12-Bit nanoDACs in LFCSP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5541AARMZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5541AARMZ Datasheet HTML 4Page - Analog Devices AD5541AARMZ Datasheet HTML 5Page - Analog Devices AD5541AARMZ Datasheet HTML 6Page - Analog Devices AD5541AARMZ Datasheet HTML 7Page - Analog Devices AD5541AARMZ Datasheet HTML 8Page - Analog Devices AD5541AARMZ Datasheet HTML 9Page - Analog Devices AD5541AARMZ Datasheet HTML 10Page - Analog Devices AD5541AARMZ Datasheet HTML 11Page - Analog Devices AD5541AARMZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD5541A/AD5542A/AD5512A
Preliminary Technical Data
Rev. P
rA | Page 8 of 24
Figure 10. AD5542A-1 10-Lead LFCSP Pin Configuration
RF B 1
V OUT 2
AG NDF 3
AG NDS 4
V DD
14
IN V
13
DG ND
12
LDAC
11
RE F S 5
DIN
10
RE F F 6
NC
9
CS 7
SCL K
8
NC = N O C O NN E CT
AD5542A
TO P V IE W
(No t to S cale)
Figure 11. AD5542 14-Lead SOIC Pin Configuration
NC = NO CO NNECT
1
2
3
4
5
6
7
8
VOUT
AGNDF
AGNDS
NC
REFF
REFS
RFB
CS
16
15
14
13
12
11
10
9
VLOGIC
INV
DGND
DIN
SCLK
CLR
LDAC
VDD
A D 5542A
TO P V IE W
(N o t to S cale)
Figure 12. AD5542A 16-Lead TSSOP Pin Configuration
12
11
10
1
3
4
DGND
LDAC
CLR
9
DIN
VOUT
AGNDS
2
AGNDF
REFS
TO P
VIEW
AD5542A
AD5512A
NC = NO CO NNECT
(No t to S cale)
Figure 13. AD5542A 16-Lead LFCSP Pin Configuration
Table 5. AD5542A/AD5512A Pin Function Descriptions
Pin No.
10-Lead
LFCSP
14-Lead
SOIC
16-Lead
TSSOP
16-Lead
LFCSP
Mnemonic
Description
8
1
1
16
RFB
Feedback Resistor Pin. In bipolar mode, connect this pin to the external op
amp output.
6
2
2
1
VOUT
Analog Output Voltage from the DAC.
3
3
2
AGNDF
Ground Reference Point for Analog Circuitry (Force).
4
4
3
AGNDS
Ground Reference Point for Analog Circuitry (Sense).
5
5
4
REFS
Voltage Reference Input (Sense) for the DAC. Connect to an external 2.5 V
reference. Reference can range from 2 V to VDD.
6
6
5
REFF
Voltage Reference Input (Force) for the DAC. Connect to an external 2.5 V
reference. Reference can range from 2 V to VDD.
2
7
8
6
CS
Logic Input Signal. The chip select signal is used to frame the serial data
input.
3
8
9
8
SCLK
Clock Input. Data is clocked into the input register on the rising edge of SCLK.
Duty cycle must be between 40% and 60%.
5
11
10
CLR
Asynchronous Clear Input. The CLR input is falling edge sensitive. When CLR
is low, all LDAC pulses are ignored. When CLR is activated, the input register
and the DAC register are cleared to the model selectable midscale or
zeroscale .
4
10
10
9
DIN
Serial Data Input. This device accepts 16-bit words. Data is clocked into the
input register on the rising edge of SCLK.
11
12
11
LDAC
LDAC Input. When this input is taken low, the DAC register is simultaneously
updated with the contents of the input register.
12
13
12
DGND
Digital Ground. Ground reference for digital circuitry.
7
13
14
13
INV
Connected to the Internal Scaling Resistors of the DAC. Connect the INV pin
to external op amps inverting input in bipolar mode.
9
14
16
15
VDD
Analog Supply Voltage, 5 V ± 10%.
15
14
VLOGIC
Logic Power Supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com