Electronic Components Datasheet Search
  English  ▼

X  

BCY59 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # BCY59
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BCY59 Datasheet(HTML) 1 Page - Comset Semiconductor

  BCY59 Datasheet HTML 1Page - Comset Semiconductor BCY59 Datasheet HTML 2Page - Comset Semiconductor BCY59 Datasheet HTML 3Page - Comset Semiconductor BCY59 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NPN BCY58 – BCY59
COMSET SEMICONDUCTORS
1/4
The BCY58 and BCY59 are NPN transistors mounted in TO-18 metal package with the collector
connected to the case .
They are designed for use in audio drive and low-noise input stages.
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
BCY59
45
VCEO
Collector-Emitter Voltage
(1)
BCY58
32
V
BCY59
45
VCES
Collector-Emitter Voltage (
VBE =0)
BCY58
32
V
BCY59
7
VEBO
Emitter-Base Voltage
BCY58
7
V
BCY59
IC
Collector Current
BCY58
200
mA
BCY59
IB
Base Current
BCY58
50
mA
BCY59
PD
Total Power Dissipation
@ Tamb = 45°
BCY58
0.39
mW
BCY59
PD
Total Power Dissipation
@ Tcase= 45°
BCY58
1
Watts
BCY59
TJ
Junction Temperature
BCY58
200
°C
BCY59
TStg
Storage Temperature range
BCY58
-65 to +150
°C
(1) Applicable up to IC = 500mA
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
BCY59
RthJ-a
Thermal Resistance, Junction to mounting
base
BCY58
450
°C/W
BCY59
RthJ-c
Thermal Resistance, Junction to ambient in
free air
BCY58
150
°C/W
S
SIIL
LIIC
CO
ON
N P
PL
LA
AN
NA
AR
R E
EP
PIIT
TA
AX
XIIA
AL
L T
TR
RA
AN
NS
SIIS
ST
TO
OR
RS
S


Similar Part No. - BCY59

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCY59 PHILIPS-BCY59 Datasheet
50Kb / 8P
NPN switching transistors
1997 Jun 17
logo
STMicroelectronics
BCY59 STMICROELECTRONICS-BCY59 Datasheet
99Kb / 6P
LOW NOISE AUDIO AMPLIFIERS
Jan-1989
logo
Siemens Semiconductor G...
BCY59 SIEMENS-BCY59 Datasheet
133Kb / 4P
npn silicon planar transistors
logo
Micro Electronics
BCY59 MICRO-ELECTRONICS-BCY59 Datasheet
175Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
Seme LAB
BCY59 SEME-LAB-BCY59 Datasheet
10Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO18 Metal Package
More results

Similar Description - BCY59

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBT5087 CDIL-CMBT5087 Datasheet
155Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
CMMT591 CDIL-CMMT591 Datasheet
137Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N1613 COMSET-2N1613 Datasheet
214Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
2N2218A COMSET-2N2218A Datasheet
209Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
BSS50A COMSET-BSS50A Datasheet
171Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CSAL1013PNP CDIL-CSAL1013PNP Datasheet
705Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
CNL635 CDIL-CNL635 Datasheet
348Kb / 5P
SILICON PLANAR EPITAXIAL TRANSISTORS
BCY70 CDIL-BCY70 Datasheet
238Kb / 5P
SILICON PLANAR EPITAXIAL TRANSISTORS
BC817 CDIL-BC817 Datasheet
204Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
BC212L CDIL-BC212L Datasheet
82Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com