Electronic Components Datasheet Search
  English  ▼

X  

BCY59 Datasheet(PDF) 3 Page - Comset Semiconductor

Part # BCY59
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BCY59 Datasheet(HTML) 3 Page - Comset Semiconductor

  BCY59 Datasheet HTML 1Page - Comset Semiconductor BCY59 Datasheet HTML 2Page - Comset Semiconductor BCY59 Datasheet HTML 3Page - Comset Semiconductor BCY59 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NPN BCY58 – BCY59
COMSET SEMICONDUCTORS
3/4
Symbol
Ratings
Test Condition(s)
Min
Typ
Mx
Unit
BCY59
fT
Transition frequency
IC =10 mA, VCE =5 V
f = 100MHz
BCY58
150
-
-
MHz
BCY59
F
Noise figure , RS=2k
Ω
IC =200 µA, VCE =5 V
f = 1kHz, B =200Hz
BCY58
-
2
6
db
BCY59
td
Delay time
BCY58
-
35
-
BCY59
tr
Rise time
BCY58
-
50
-
BCY59
ton
Turn on time
BCY58
-
85
150
BCY59
ts
Storage time
BCY58
-
400
-
BCY59
tf
Fall time
BCY58
-
80
-
BCY59
toff
Turn off time
IC=10 mA , IB =1 mA
-IBM =1 mA, VBB=3.6 V
R1= R2 =
5k
Ω
RL= 990 Ω
BCY58
-
480
800
ns
BCY59
td
Delay time
BCY58
-
5
-
BCY59
tr
Rise time
BCY58
-
50
-
BCY59
ton
Turn on time
BCY58
-
55
150
BCY59
ts
Storage time
BCY58
-
250
-
BCY59
tf
Fall time
BCY58
-
200
-
BCY59
toff
Turn off time
IC=100 mA , IB =10 mA
-IBM =10 mA, VBB =5 V
R1 =
500
Ω , R1 = 700Ω
RL= 990 Ω
BCY58
-
450
800
ns
BCY59
CC
Collector capacitance
IE = Ie = 0 ,VCB =10 V
f = 1MHz
BCY58
-
-
5
pF
BCY59
CE
Emitter capacitance
IC = Ic = 0 ,VEB =0.5 V
f = 1MHz
BCY58
-
-
15
pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com