Electronic Components Datasheet Search
  English  ▼

X  

BCY59 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BCY59
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BCY59 Datasheet(HTML) 2 Page - Comset Semiconductor

  BCY59 Datasheet HTML 1Page - Comset Semiconductor BCY59 Datasheet HTML 2Page - Comset Semiconductor BCY59 Datasheet HTML 3Page - Comset Semiconductor BCY59 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN BCY58 – BCY59
COMSET SEMICONDUCTORS
2/4
ELECTRICAL CHARACTERISTICS
Tj=25°C unless otherwise specified
Symbol
Ratings
Test Condition(s)
Min
Typ
Mx
Unit
VCB =45 V, VBE =0V
BCY59
ICES
Collector Cutoff Current
VCB =32 V, VB =0V
BCY58
-
-
10
nA
VCB =45 V
VBE =0V,Tamb =150°C
BCY59
ICES
Collector Cutoff Current
VCB =32 V
VBE =0V,Tamb =150°C
BCY58
-
-
10
µA
BCY59
IEBO
Emitter Cutoff Current
VBE =5.0 V, IC =0
BCY58
-
-
10
nA
BCY59
45
-
-
VCEO
Collector Emitter Breakdown
Voltage
IC =2 mA, IB =0
BCY58
32
-
-
V
BCY59
VEBO
Emitter Base Breakdown
Voltage
IE =1µA, IC =0
BCY58
7
-
-
V
BCY59
IC =10 mA, IB =0.25 mA
BCY58
-
0.12
0.25
BCY59
VCE(SAT)
Collector-Emitter saturation
Voltage
IC =100 mA, IB =2.5 mA
BCY58
-
04
08
BCY59
IC =10 mA, IB =0.25 mA
BCY58
0.6
0.7
0.85
BCY59
VBE(SAT)
Base-Emitter Saturation
Voltage
IC =100 mA, IB =2.5 mA
BCY58
0.7
0.85
1.2
V
BCY59
IC =10 µA, VCE =5 V
BCY58
-
0.5
-
BCY59
IC =20 µA, VCE =VCE max
Tj =100°C
BCY58
0.2
-
-
BCY59
IC =2 mA, VCE =5 V
BCY58
0.55
-
0.7
BCY59
IC =10 mA, VCE =1 V
BCY58
-
0.7
-
BCY59
VBE
Base-Emitter Voltage
IC =100 mA, VCE =1 V
BCY58
-
0.76
-
V
BCY59VII
BCY59VIII
BCY59IX
BCY59X
BCY58VII
BCY58VIII
BCY58IX
BCY58X
-
>20
>40
>60
IC =10 µA, VCE =5 V
Typ.20
Typ.95
Typ.190
Typ.300
>120
>180
>250
>380
IC =10 µA, VCE =5 V
<220
<310
<460
<630
>80
>120
>160
>240
IC =10 mA, VCE =1 V
-
<400
<630
<1000
hFE
DC Current Gain
IC =100 mA, VCE =1 V
>40
>45
>60
>60
>125
>175
>250
>350
hfe
Small-Signal
Current Gain
IC =2 mA, VCE =5 V,
f = 1kHz
<250
<350
<500
<700



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com