Electronic Components Datasheet Search
  English  ▼

X  

BCY78 Datasheet(PDF) 1 Page - Comset Semiconductor

Part # BCY78
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BCY78 Datasheet(HTML) 1 Page - Comset Semiconductor

  BCY78 Datasheet HTML 1Page - Comset Semiconductor BCY78 Datasheet HTML 2Page - Comset Semiconductor BCY78 Datasheet HTML 3Page - Comset Semiconductor BCY78 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PNP BCY78 – BCY79
COMSET SEMICONDUCTORS
1/4
The BCY78 and BCY79 are PNP transistors mounted in TO-18 metal package with the collector
connected to the case .
They are designed for use in audio drive and low-noise input stages.
Compliance to RoHS.
ABSOLUTE MAXIMUM RATINGS
Symbol
Ratings
Value
Unit
BCY79
-45
VCEO
Collector-Emitter Voltage (IB =0)
BCY78
-32
V
BCY79
-45
VCES
Collector-Emitter Voltage (
VBE =0)
BCY78
-32
V
BCY79
-5
VEBO
Emitter-Base Voltage (IC =0)
BCY78
-5
V
BCY79
IC
Collector Current
BCY78
-200
mA
BCY79
IB
Base Current
BCY78
-20
mA
BCY79
PD
Total Power Dissipation
@ Tamb = 25°
BCY78
390
mW
BCY79
PD
Total Power Dissipation
@ Tcase= 45°
BCY78
1
Watts
BCY79
TJ
Junction Temperature
BCY78
200
°C
BCY79
TStg
Storage Temperature range
BCY78
-65 to +150
°C
THERMAL CHARACTERISTICS
Symbol
Ratings
Value
Unit
BCY79
RthJ-a
Thermal Resistance, Junction to mounting
base
BCY78
450
°C/W
BCY79
RthJ-c
Thermal Resistance, Junction to ambient in
free air
BCY78
150
°C/W
S
SIIL
LIIC
CO
ON
N P
PL
LA
AN
NA
AR
R E
EP
PIIT
TA
AX
XIIA
AL
L T
TR
RA
AN
NS
SIIS
ST
TO
OR
RS
S


Similar Part No. - BCY78

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCY78 PHILIPS-BCY78 Datasheet
54Kb / 8P
PNP switching transistors
1997 Jun 18
logo
Central Semiconductor C...
BCY78 CENTRAL-BCY78 Datasheet
73Kb / 2P
PNP SILICON TRANSISTOR
logo
Comset Semiconductor
BCY78 COMSET-BCY78 Datasheet
156Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
BCY78 CDIL-BCY78 Datasheet
85Kb / 5P
PNP SILICON PLANAR TRANSISTORS
logo
New Jersey Semi-Conduct...
BCY78 NJSEMI-BCY78 Datasheet
132Kb / 2P
PNP SILICON TRANSISTOR
More results

Similar Description - BCY78

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBT5087 CDIL-CMBT5087 Datasheet
155Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
CMMT591 CDIL-CMMT591 Datasheet
137Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Comset Semiconductor
2N1613 COMSET-2N1613 Datasheet
214Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
2N2218A COMSET-2N2218A Datasheet
209Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
BSS50A COMSET-BSS50A Datasheet
171Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Continental Device Indi...
CSAL1013PNP CDIL-CSAL1013PNP Datasheet
705Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
CNL635 CDIL-CNL635 Datasheet
348Kb / 5P
SILICON PLANAR EPITAXIAL TRANSISTORS
BCY70 CDIL-BCY70 Datasheet
238Kb / 5P
SILICON PLANAR EPITAXIAL TRANSISTORS
BC817 CDIL-BC817 Datasheet
204Kb / 3P
SILICON PLANAR EPITAXIAL TRANSISTORS
BC212L CDIL-BC212L Datasheet
82Kb / 4P
SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com