Electronic Components Datasheet Search
  English  ▼

X  

BCY78 Datasheet(PDF) 2 Page - Comset Semiconductor

Part # BCY78
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BCY78 Datasheet(HTML) 2 Page - Comset Semiconductor

  BCY78 Datasheet HTML 1Page - Comset Semiconductor BCY78 Datasheet HTML 2Page - Comset Semiconductor BCY78 Datasheet HTML 3Page - Comset Semiconductor BCY78 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PNP BCY78 – BCY79
COMSET SEMICONDUCTORS
2/4
ELECTRICAL CHARACTERISTICS
Tj=25°C unless otherwise specified
Symbol
Ratings
Test Condition(s)
Min
Typ
Mx
Unit
VCB =-35 V, VBE =0V
BCY79
ICES
Collector Cutoff Current
VCB =-25 V, VB =0V
BCY78
-
-
-20
nA
VCB =-35 V
VBE =0V,Tj =150°C
BCY79
ICES
Collector Cutoff Current
VCB =-25 V
VBE =0V,Tj =150°C
BCY78
-
-
-10
µA
BCY79
IEBO
Emitter Cutoff Current
VBE =-4.0 V, IC =0
BCY78
-
-
-20
nA
BCY79
-45
-
-
VCEO
Collector Emitter Breakdown
Voltage
IC =-2 mA, IB =0
BCY78
-32
-
-
V
BCY79
VEBO
Emitter Base Breakdown
Voltage
IE =-1µA, IC =0
BCY78
-5
-
-
V
BCY79
IC =-10 mA, IB =-0.25 mA
BCY78
-
-0.12
-0.25
BCY79
VCE(SAT)
Collector-Emitter saturation
Voltage
IC =-100 mA, IB =-2.5 mA
BCY78
-
-04
-08
BCY79
IC =-10 mA, I B=-0.25 mA
BCY78
-0.6
-0.7
-0.85
BCY79
VBE(SAT)
Base-Emitter Saturation
Voltage
IC =-100 mA, IB =-2.5 mA
BCY78
-0.7
-0.85
-1.2
V
BCY79
IC =-10 µA, VCE =-5 V
BCY78
-
-0.55
-
BCY79
IC =-2 mA, VCE =-5 V
BCY78
-0.6
-0.65
-0.75
BCY79
IC =-10 mA, VCE =-1 V
BCY78
-
-0.68
-
BCY79
VBE
Base-Emitter Voltage
IC =-100 mA, VCE =-1 V
BCY78
-
-0.75
-
V
BCY79VII
BCY79VIII
BCY79IX
BCY79X
BCY78VII
BCY78VIII
BCY78IX
BCY78X
-
>30
>40
>100
IC =-10 µA, VCE =-5 V
Typ.140
Typ.200
Typ.270
Typ.390
>120
>180
>250
>380
IC =-2 mA, VCE =-5 V
<220
<310
<460
<630
>80
>120
>160
>240
IC =-10 mA, VCE =-1 V
-
<400
<630
<1000
hFE
DC Current Gain
IC =-100 mA, VCE =-1 V
>40
>45
>60
>60
>125
>175
>250
>350
hfe
Small-Signal
Current Gain
IC =2 mA, VC E=5 V
f = 1kHz
<250
<350
<500
<700



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com