Electronic Components Datasheet Search
  English  ▼

X  

BCY78 Datasheet(PDF) 4 Page - Comset Semiconductor

Part # BCY78
Description  SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMSET [Comset Semiconductor]
Direct Link  http://comset.halfin.com
Logo COMSET - Comset Semiconductor

BCY78 Datasheet(HTML) 4 Page - Comset Semiconductor

  BCY78 Datasheet HTML 1Page - Comset Semiconductor BCY78 Datasheet HTML 2Page - Comset Semiconductor BCY78 Datasheet HTML 3Page - Comset Semiconductor BCY78 Datasheet HTML 4Page - Comset Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PNP BCY78 – BCY79
COMSET SEMICONDUCTORS
4/4
MECHANICAL DATA CASE TO-18
Information furnished is believed to be accurate and reliable. However, CS assumes no responsability
for the consequences of use of such information nor for errors that could appear.
Data are subject to change without notice.
DIMENSIONS
mm
inches
A
12,7
0,5
B
0,49
0,019
D
5,3
0,208
E
4,9
0,193
F
5,8
0,228
G
2,54
0,1
H
1,2
0,047
I
1,16
0,045
L
45°
45°
Pin 1 :
emitter
Pin 2 :
base
Pin 3 :
Collector



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com