Electronic Components Datasheet Search
  English  ▼

X  

PD035OX4 Datasheet(PDF) 32 Page - AZ Displays

Part # PD035OX4
Description  TECHNICAL SPECIFICATION
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZDISPLAYS [AZ Displays]
Direct Link  http://www.azdisplays.com
Logo AZDISPLAYS - AZ Displays

PD035OX4 Datasheet(HTML) 32 Page - AZ Displays

Back Button PD035OX4 Datasheet HTML 24Page - AZ Displays PD035OX4 Datasheet HTML 25Page - AZ Displays PD035OX4 Datasheet HTML 26Page - AZ Displays PD035OX4 Datasheet HTML 27Page - AZ Displays PD035OX4 Datasheet HTML 28Page - AZ Displays PD035OX4 Datasheet HTML 29Page - AZ Displays PD035OX4 Datasheet HTML 30Page - AZ Displays PD035OX4 Datasheet HTML 31Page - AZ Displays PD035OX4 Datasheet HTML 32Page - AZ Displays  
Zoom Inzoom in Zoom Outzoom out
 32 / 32 page
background image
PD035OX4
The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed,
reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd.
PAGE:32
Appendix
20K 5%
1KVR
2K 5%
2SC2412
20mA , 1V
1/2
G
1/2
G
1/2
G
1/2
G
1/2
G
1/2
G
1/2
G
1/2
G
5 8
G
5 8
G
5 8
G
5 8
G
3 6 W
3 6 W
3 6 W
3 6 W
LED
VLED
(Pin 01)
15+ 0.5V
GLED1
(Pin 02)
VC1
VE1
VB1
5 : /: !
- 2&
5 : /: !
- 2&
5 : /: !
- 2&
5 : /: !
- 2&
20 27 X
20 27 X
20 27 X
20 27 X
20K 5%
1KVR
2K 5%
2SC2412
20mA , 1V
1/2
G
1/2
G
1/2
G
1/2
G
1/2
G
1/2
G
1/2
G
1/2
G
5 8
G
5 8
G
5 8
G
5 8
G
3 6 W
3 6 W
3 6 W
3 6 W
LED
VLED
(Pin 01)
15+ 0.5V
VC2
VE2
VB2
5 : /: !
- 2&
5 : /: !
- 2&
5 : /: !
- 2&
5 : /: !
- 2&
20 27 X
20 27 X
20 27 X
20 27 X
GLED2
(Pin 03)
CON 2
P-511-295(V:2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com